Electronic Components Datasheet Search
  English  ▼

X  

STA540SAN Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA540SAN
Description  4 x 10-watt dual/quad power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SAN Datasheet(HTML) 1 Page - STMicroelectronics

  STA540SAN Datasheet HTML 1Page - STMicroelectronics STA540SAN Datasheet HTML 2Page - STMicroelectronics STA540SAN Datasheet HTML 3Page - STMicroelectronics STA540SAN Datasheet HTML 4Page - STMicroelectronics STA540SAN Datasheet HTML 5Page - STMicroelectronics STA540SAN Datasheet HTML 6Page - STMicroelectronics STA540SAN Datasheet HTML 7Page - STMicroelectronics STA540SAN Datasheet HTML 8Page - STMicroelectronics STA540SAN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
December 2010
Doc ID 18306 Rev 1
1/26
26
STA540SAN
4 x 10-watt dual/quad power amplifier
Features
High output-power capability:
–4 x 9 W / 2
Ω at 12 V, 1 kHz, 10%
– 4 x 10 W / 4
Ω at 17 V, 1 kHz, 10%
– 2 x 26 W / 4
Ω at 14.4 V, 1 kHz, 10%
– 2 x 15 W / 8
Ω at 16 V, 1 kHz, 10%
Minimum external component count:
– No bootstrap capacitors
– No Boucherot cells
– Internally fixed gain of 20 dB
Standby function (CMOS compatible)
No audible pop during standby operations
Diagnostic facilities:
– Clip detector
– Out to GND short circuit
– Out to VS short circuit
– Soft short at turn-on
– Thermal shutdown proximity
Protection for
– Output AC/DC short circuit
– Soft short circuit at turn-on
– Thermal cut-off limiter to prevent chip from
overheating
– High inductive loads
– ESD
Description
The STA540SAN contains four single-ended,
class-AB audio amplifiers assembled in a
Clipwatt15 package.
These amplifiers are used for high-quality sound
applications. Each amplifier has integrated
short-circuit and thermal protection and
diagnostic functions. Two amplifiers can be paired
up for applications requiring high power output.
Clipwatt15
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STA540SAN
-40 to 150 °C
Clipwatt15
Tube
www.st.com


Similar Part No. - STA540SAN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
4 x 10-watt dual/quad power amplifier
December 2010
More results

Similar Description - STA540SAN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
4 x 13 W dual/quad power amplifier
21-Jan-2008
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
4 x 47W MOSFET quad bridge power amplifier
04-Oct-2007
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
2 x 10-watt dual BTL class-D audio amplifier
18-Jan-2012
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
4 x 10-watt dual/quad power amplifier
December 2010
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com