Electronic Components Datasheet Search
  English  ▼

X  

TDA7375AV Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7375AV
Description  2 x 37 W dual/quad power amplifier for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375AV Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7375AV_12 Datasheet HTML 3Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 4Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 5Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 6Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 7Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 8Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 9Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 10Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TDA7375AV
Electrical specification
Doc ID 6325 Rev 4
7/20
CT
Cross talk
f = 1 kHz Single ended
-
70
-
dB
f = 10 kHz Single ended
-
60
-
dB
f = 1 kHz Bridge
55
-
-
dB
f = 10 kHz Bridge
-
60
-
dB
RIN
Input impedance
Single Ended
20
30
-
k
Ω
Bridge
10
15
-
k
Ω
GV
Voltage gain
Single Ended
19
20
21
dB
Bridge
25
26
27
dB
GV
Voltage gain match
-
-
-
0.5
dB
EIN
Input noise voltage
Rg = 0; ”A” weighted, S.E.
Non inverting channels
Inverting channels
-2
5
-
μV
μV
Bridge
Rg = 0; 22 Hz to 22 kHz
-
3.5
-
μV
SVR
Supply voltage rejection
Rg = 0; f = 300 Hz
50
-
-
dB
ASB
Standby attenuation
PO = 1 W
80
90
-
dB
ISB
Standby current consumption
VSt-by = 0 to 1.5 V
-
-
100
μA
VSB
Standby In threshold voltage
-
-
1.5
V
VSB
Standby Out threshold voltage
3.5
-
-
V
Ipin7
Standby pin current
Play mode Vpin7 = 5 V
-
-
50
μA
Max. driving current under fault (2)
--
5
mA
Icd off
Clipping detector output
average current
d = 1% (3)
-90
-
μA
Icd on
Clipping detector output
average current
d = 5%(3)
-
160
-
μA
Vsat pin10
Voltage saturation on pin 10
Sink current at Pin 10 = 1 mA
-
-
0.7
V
1.
Saturated square wave output.
2.
See built-in S/C protection description
3.
Pin 10 pulled-up to 5 V with 10 k
Ω; R
L = 4 Ω
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com