Electronic Components Datasheet Search
  English  ▼

X  

TDA7375AV Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7375AV
Description  2 x 37 W dual/quad power amplifier for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375AV Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7375AV_12 Datasheet HTML 1Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 2Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 3Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 4Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 5Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 6Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 7Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 8Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
February 2012
Doc ID 6325 Rev 4
1/20
1
TDA7375AV
2 x 37 W dual/quad power amplifier for car radio
Features
■ High output power capability
– 2 x 43 W max./4
Ω
–2 x 37 W/4
Ω EIAJ
–2 x 26 W/4
Ω @14.4 V, 1 kHz, 10 %
–4 x 7 W/4
Ω @14.4 V, 1 kHz, 10 %
–4 x 12 W/2
Ω @14.4 V, 1 kHz, 10 %
■ Minimum external components count:
– No bootstrap capacitors
– No Boucherot cells
– Internally fixed gain (26 dB BTL)
– Standby function (CMOS compatible)
■ No audible pop during standby operations
■ Diagnostics facility for:
– Clipping
– Out to GND short
– Out to VS short
– Soft short at turn-on
– Thermal shutdown proximity
■ Protections:
– Output AC/DC short circuit: to GND, to VS
and across the load
– Soft short at turn-on
– Overrating chip temperature with soft
thermal limiter
– Load dump voltage surge
– Very inductive loads
– Fortuitous open GND
– Reversed battery
– ESD
Description
The TDA7375AV is a technology class AB car
radio amplifier able to work either in dual bridge or
quad single ended configuration.
The exclusive fully complementary structure of
the output stage and the internally fixed gain
guarantee the highest possible power
performances with extremely reduced component
count.
The on-board clip detector simplifies gain
compression operation. The fault diagnostics
makes it possible to detect mistakes during car
radio set assembly and wiring in the car.
Multiwatt15
Table 1.
Device summary
Order code
Package
Packing
E-TDA7375AV
Multiwat15
Tube
www.st.com


Similar Part No. - TDA7375AV_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7375AV STMICROELECTRONICS-TDA7375AV Datasheet
192Kb / 14P
2 x 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7375AV STMICROELECTRONICS-TDA7375AV Datasheet
651Kb / 15P
2 X 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Mar-2005
TDA7375AV STMICROELECTRONICS-TDA7375AV Datasheet
442Kb / 20P
2 x 37 W dual/quad power amplifier for car radio
16-Sep-2013
More results

Similar Description - TDA7375AV_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7375 STMICROELECTRONICS-TDA7375 Datasheet
201Kb / 15P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7375A STMICROELECTRONICS-TDA7375A Datasheet
192Kb / 14P
2 x 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7377 STMICROELECTRONICS-TDA7377 Datasheet
254Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7375A STMICROELECTRONICS-TDA7375A_05 Datasheet
651Kb / 15P
2 X 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Mar-2005
logo
Unisonic Technologies
PA7375 UTC-PA7375 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377 UTC-TDA7377 Datasheet
311Kb / 8P
2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
2 x 35 W power amplifier for car radio
11-Dec-2009
E-TDA7375V STMICROELECTRONICS-E-TDA7375V Datasheet
299Kb / 15P
2 x 35W dual/quad power amplifier for car radio
logo
Unisonic Technologies
PA7375 UTC-PA7375_15 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
List of Unclassifed Man...
YD7377 ETC-YD7377 Datasheet
272Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com