Electronic Components Datasheet Search
  English  ▼

X  

TDA7375AV Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7375AV
Description  2 x 37 W dual/quad power amplifier for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375AV Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7375AV_12 Datasheet HTML 1Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 2Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 3Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 4Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 5Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 6Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 7Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 8Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Contents
TDA7375AV
2/20
Doc ID 6325 Rev 4
Contents
1
Block and pin connection diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Electrical specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.1
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.2
Thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.3
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Standard test and application circuits . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3.1
Electrical characteristics curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
4
Functional description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.1
High application flexibility . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.2
Easy single ended to bridge transition . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.3
Gain internally fixed to 20 dB in single ended, 26 dB in bridge . . . . . . . . 13
4.4
Silent turn on/off and muting/standby function . . . . . . . . . . . . . . . . . . . . . 13
4.5
Output stage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.5.1
Rail-to-rail output voltage swing with no need of bootstrap capacitors . 14
4.5.2
Absolute stability without any external compensation . . . . . . . . . . . . . . 14
4.6
Built–in short circuit protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
4.6.1
Diagnostics facility . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4.6.2
Thermal shutdown . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4.7
Handling of the diagnostics information . . . . . . . . . . . . . . . . . . . . . . . . . . 16
5
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com