Electronic Components Datasheet Search
  English  ▼

X  

TDA7491MV Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7491MV
Description  25 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491MV Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7491MV Datasheet HTML 3Page - STMicroelectronics TDA7491MV Datasheet HTML 4Page - STMicroelectronics TDA7491MV Datasheet HTML 5Page - STMicroelectronics TDA7491MV Datasheet HTML 6Page - STMicroelectronics TDA7491MV Datasheet HTML 7Page - STMicroelectronics TDA7491MV Datasheet HTML 8Page - STMicroelectronics TDA7491MV Datasheet HTML 9Page - STMicroelectronics TDA7491MV Datasheet HTML 10Page - STMicroelectronics TDA7491MV Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TDA7491MV
Pin description
Doc ID 14576 Rev 2
7/28
2.2
Pin list
Table 2.
Pin description list
Number
Name
Type
Description
1
SUB_GND
POWER
Connect to the frame
2,3
NC
-
No internal connection
4,5
NC
-
No internal connection
6,7
NC
-
No internal connection
8,9
NC
-
No internal connection
10,11
OUTN
OUT
Negative PWM output
12,13
PVCC
POWER
Power supply
14,15
PGND
POWER
Power stage ground
16,17
OUTP
OUT
Positive PWM output
18
PGND
POWER
Power stage ground
19
VDDPW
OUT
3.3 V (nominal) regulator output referred to ground for power
stage
20
STBY
INPUT
Standby mode control
21
MUTE
INPUT
Mute mode control
22
INP
INPUT
Positive differential input
23
INN
INPUT
Negative differential input
24
ROSC
OUT
Master oscillator frequency-setting pin
25
SYNCLCK
IN/OUT
Clock in/out for external oscillator
26
VDDS
OUT
3.3 V (nominal) regulator output referred to ground for signal
blocks
27
SGND
POWER
Signal ground
28
DIAG
OUT
Open-drain diagnostic output
29
SVR
OUT
Supply voltage rejection
30
GAIN0
INPUT
Gain setting input 1
31
GAIN1
INPUT
Gain setting input 2
32
VDDS
POWER
To be connected to VDDS (pin 26)
33
SGND
POWER
Signal ground
34
VREF
OUT
Half VDDS (nominal) referred to ground
35
SVCC
POWER
Signal power supply
36
VSS
OUT
3.3 V (nominal) regulator output referred to power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com