Electronic Components Datasheet Search
  English  ▼

X  

TDA7491MV Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7491MV
Description  25 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491MV Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7491MV Datasheet HTML 20Page - STMicroelectronics TDA7491MV Datasheet HTML 21Page - STMicroelectronics TDA7491MV Datasheet HTML 22Page - STMicroelectronics TDA7491MV Datasheet HTML 23Page - STMicroelectronics TDA7491MV Datasheet HTML 24Page - STMicroelectronics TDA7491MV Datasheet HTML 25Page - STMicroelectronics TDA7491MV Datasheet HTML 26Page - STMicroelectronics TDA7491MV Datasheet HTML 27Page - STMicroelectronics TDA7491MV Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Application information
TDA7491MV
26/28
Doc ID 14576 Rev 2
7.9
Heatsink requirements
A thermal resistance of 24 °C/W can be obtained using the PCB copper ground layer with
16 vias connecting it to the contact area for the exposed pad. Ensure that the copper ground
area is a nominal 9 cm2 for 24 °C/W.
Figure 27 shows the derating curves for copper areas of 4 cm2 and 9 cm2.
As with most amplifiers, the power dissipated within the device depends primarily on the
supply voltage, the load impedance and the output modulation level.
The maximum estimated power dissipation for the TDA7491MV is less than 4 W. When
properly mounted on the above PCB the junction temperature could increase by 96 °C.
However, with a musical program the dissipated power is about 40% less, leading to a
temperature increase of around 60 °C. Even at the maximum recommended ambient
temperature for consumer applications of 50 °C there is still a clear safety margin before the
maximum junction temperature (150 °C) is reached.
Figure 27.
Power derating curves for PCB used as heatsink
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
g
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
TDA7491P
PSSO36
Copper Area 3x3 cm
and via holes
TDA7491MV
PowerSSO-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com