Electronic Components Datasheet Search
  English  ▼

X  

TDA7491MV Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7491MV
Description  25 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491MV Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7491MV Datasheet HTML 1Page - STMicroelectronics TDA7491MV Datasheet HTML 2Page - STMicroelectronics TDA7491MV Datasheet HTML 3Page - STMicroelectronics TDA7491MV Datasheet HTML 4Page - STMicroelectronics TDA7491MV Datasheet HTML 5Page - STMicroelectronics TDA7491MV Datasheet HTML 6Page - STMicroelectronics TDA7491MV Datasheet HTML 7Page - STMicroelectronics TDA7491MV Datasheet HTML 8Page - STMicroelectronics TDA7491MV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
May 2009
Doc ID 14576 Rev 2
1/28
28
TDA7491MV
25 W mono BTL class-D audio amplifier
Features
20 W continuous output power:
RL = 8 Ω, THD = 10% at VCC = 18 V
25 W continuous output power:
RL = 6 Ω, THD = 10% at VCC = 16 V
Wide range single supply operation (5 V - 18 V)
High efficiency (
η = 90%)
Four selectable, fixed gain settings of
nominally 20 dB, 26 dB, 30 dB and 32 dB
Differential inputs minimize common-mode
noise
Filterless operation
No ‘pop’ at turn-on/off
Standby and mute features
Short-circuit protection
Thermal overload protection
Externally synchronizable
Description
The TDA7491MV is a mono BTL class-D audio
amplifier with single power supply designed for
LCD TVs and monitors.
Thanks to the high efficiency and an
exposed-pad-down (EPD) package no heatsink is
required.
Furthermore, the filterless operation allows a
reduction in the external component count.
The TDA7491MV is pin to pin compatible with the
TDA7491P, TDA7491LP and TDA7491HV for the
left channel as given in Section 6.1 on page 19.
PowerSSO-36 with
exposed pad down
Table 1.
Device summary
Order code
Operating temp. range
Package
Packaging
TDA7491MV
0 to 70 °C
PowerSSO-36 EPD
Tube
TDA7491MV13TR
0 to 70 °C
PowerSSO-36 EPD
Tape and reel
www.st.com


Similar Part No. - TDA7491MV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
560Kb / 28P
25 W mono BTL class-D audio amplifier
21-Mar-2014
TDA7491MV13TR STMICROELECTRONICS-TDA7491MV13TR Datasheet
560Kb / 28P
25 W mono BTL class-D audio amplifier
21-Mar-2014
TDA7491MV STMICROELECTRONICS-TDA7491MV_V01 Datasheet
560Kb / 28P
25 W mono BTL class-D audio amplifier
21-Mar-2014
More results

Similar Description - TDA7491MV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
1 W BTL mono audio amplifier
July 1994
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
STMicroelectronics
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
logo
Synaptics Incorporated.
CX20706 CONEXANT-CX20706 Datasheet
645Kb / 2P
2.5 W BTL mono Class-D speaker amplifier
logo
STMicroelectronics
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
100-watt mono BTL class-D audio amplifier
27-Jan-2011
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
TFA9879 PHILIPS-TFA9879_15 Datasheet
1Mb / 60P
Mono BTL class-D audio amplifier for portable applications
Rev. 02-15 October 2010
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
Mono 2.9 W Class-D Audio Amplifier
10/12-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com