Electronic Components Datasheet Search
  English  ▼

X  

TDA7566 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7566
Description  4 x 40 W multifunction quad power amplifier with built-in diagnostics features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7566_10 Datasheet HTML 7Page - STMicroelectronics TDA7566_10 Datasheet HTML 8Page - STMicroelectronics TDA7566_10 Datasheet HTML 9Page - STMicroelectronics TDA7566_10 Datasheet HTML 10Page - STMicroelectronics TDA7566_10 Datasheet HTML 11Page - STMicroelectronics TDA7566_10 Datasheet HTML 12Page - STMicroelectronics TDA7566_10 Datasheet HTML 13Page - STMicroelectronics TDA7566_10 Datasheet HTML 14Page - STMicroelectronics TDA7566_10 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TDA7566
Electrical specifications
Doc ID 9801Rev 5
11/29
Figure 10. Distortion vs. frequency (2
Ω)
Figure 11. Crosstalk vs. frequency
Figure 12. Supply voltage rejection vs.
frequency
Figure 13.
Power dissipation and efficiency vs.
output power (4
Ω, Sine)
Figure 14.
Power dissipation vs. average output
power (audio program simulation, 4
Ω)
Figure 15.
Power dissipation vs. average output
power (audio program simulation, 2
Ω)
10
100
1000
10000
f (Hz)
0.01
0.1
1
10
THD (%)
Vs = 14.4 V
RL = 2 Ohm
Po = 8 W
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
CROSSTALK (dB)
Vs = 14.4 V
RL = 4 Ohm
Po = 4 W
Rg = 600 Ohm
10
100
1000
10000
f (Hz)
20
30
40
50
60
70
80
90
SVR (dB)
Rg = 600 Ohm
Vripple = 1 Vpk
0
2
4
6
8
10
121416
1820
2224
26
Po (W)
0
10
20
30
40
50
60
70
80
90
Ptot (W)
0
10
20
30
40
50
60
70
80
90
n (%)
n
Ptot
Vs = 14.4 V
RL = 4x4 Ohm
f= 1 KHz SINE
01
2
3
4
5
Po (W)
5
10
15
20
25
30
35
40
45
Ptot (W)
CLIP
START
Vs = 14.4 V
RL = 4x4 Ohm
GAUSSIAN NOISE
01
23
4
5
6
7
8
Po (W)
0
10
20
30
40
50
60
70
80
90
Ptot (W)
Vs = 14.4 V
RL = 4x2 Ohm
GAUSSIAN NOISE
CLIP
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com