Electronic Components Datasheet Search
  English  ▼

X  

TDA7566 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7566
Description  4 x 40 W multifunction quad power amplifier with built-in diagnostics features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7566_10 Datasheet HTML 10Page - STMicroelectronics TDA7566_10 Datasheet HTML 11Page - STMicroelectronics TDA7566_10 Datasheet HTML 12Page - STMicroelectronics TDA7566_10 Datasheet HTML 13Page - STMicroelectronics TDA7566_10 Datasheet HTML 14Page - STMicroelectronics TDA7566_10 Datasheet HTML 15Page - STMicroelectronics TDA7566_10 Datasheet HTML 16Page - STMicroelectronics TDA7566_10 Datasheet HTML 17Page - STMicroelectronics TDA7566_10 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Diagnostics functional description
TDA7566
14/29
Doc ID 9801Rev 5
Concerning short across the speaker / open speaker, the threshold varies from 26 dB to
12 dB gain setting, since different loads are expected (either normal speaker's impedance
or high impedance). The values in case of 26 dB gain are as follows:
Figure 20.
Thresholds for short across the speaker/open speaker
If the Line-Driver mode (Gv= 12 dB and Line Driver Mode diagnostic = 1) is selected, the
same thresholds will change as follows:
Figure 21.
Thresholds for line-drivers
4.2
Permanent diagnostics
Detectable conventional faults are:
short to GND
short to Vs
short across the speaker
The following additional features are provided:
output offset detection
AC diagnostic
The TDA7566 has 2 operating statuses:
1.
Restart mode. The diagnostic is not enabled. Each audio channel operates
independently from each other. If any of the a.m. faults occurs, only the channel(s)
interested is shut down. A check of the output status is made every 1 ms (Figure 22).
Restart takes place when the overload is removed.
2.
Diagnostic mode. It is enabled via I2C bus and self activates if an output overload (such
to cause the intervention of the short-circuit protection) occurs to the speakers outputs.
Once activated, the diagnostics procedure develops as follows (Figure 23):
To avoid momentary re-circulation spikes from giving erroneous diagnostics, a
check of the output status is made after 1ms: if normal situation (no overloads) is
detected, the diagnostic is not performed and the channel returns back active.
Instead, if an overload is detected during the check after 1 ms, then a diagnostic
cycle having a duration of about 100 ms is started.
After a diagnostic cycle, the audio channel interested by the fault is switched to
Restart mode. The relevant data are stored inside the device and can be read by
the microprocessor. When one cycle has terminated, the next one is activated by
S.C. across Load
x
Open Load
0V
1.65
Ω
45
Ω
Infinite
x
Normal Operation
0.5
Ω
85
Ω
AC00566
D02AU1340
S.C. across Load
x
Open Load
0
Ω
7
Ω
180
Ω
infinite
x
Normal Operation
2
Ω
330
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com