Electronic Components Datasheet Search
  English  ▼

X  

TDA7566 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7566
Description  4 x 40 W multifunction quad power amplifier with built-in diagnostics features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7566_10 Datasheet HTML 11Page - STMicroelectronics TDA7566_10 Datasheet HTML 12Page - STMicroelectronics TDA7566_10 Datasheet HTML 13Page - STMicroelectronics TDA7566_10 Datasheet HTML 14Page - STMicroelectronics TDA7566_10 Datasheet HTML 15Page - STMicroelectronics TDA7566_10 Datasheet HTML 16Page - STMicroelectronics TDA7566_10 Datasheet HTML 17Page - STMicroelectronics TDA7566_10 Datasheet HTML 18Page - STMicroelectronics TDA7566_10 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
TDA7566
Diagnostics functional description
Doc ID 9801Rev 5
15/29
an I2C reading. This is to ensure continuous diagnostics throughout the car-radio
operating time.
To check the status of the device a sampling system is needed. The timing is
chosen at microprocessor level (over half a second is recommended).
Figure 22.
Restart timing without diagnostic enable (Permanent)
each 1 ms time, a sampling of the fault is done
Figure 23.
Restart timing with diagnostic enable (Permanent)
4.3
Output DC offset detection
Any DC output offset exceeding ±2 V are signalled out. This inconvenient might occur as a
consequence of initially defective or aged and worn-out input capacitors feeding a DC
component to the inputs, so putting the speakers at risk of overheating.
This diagnostic has to be performed with low-level output AC signal (or Vin = 0).
The test is run with selectable time duration by microprocessor (from a "start" to a "stop"
command):
START = Last reading operation or setting IB1 - D5 - (OFFSET enable) to 1
STOP = Actual reading operation
Excess offset is signalled out if persistent throughout the assigned testing time. This feature
is disabled if any overloads leading to activation of the short-circuit protection occurs in the
process.
t
1-2mS
1mS
1mS
1mS
1mS
Overcurrent and short
circuit protection intervention
(i.e. short circuit to GND)
Short circuit removed
Out
t
Overcurrent and short
(i.e. short circuit to GND)
Short circuit removed
1mS
100mS
1mS
1mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com