Electronic Components Datasheet Search
  English  ▼

X  

TS2007 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS2007
Description  3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS2007_11 Datasheet HTML 3Page - STMicroelectronics TS2007_11 Datasheet HTML 4Page - STMicroelectronics TS2007_11 Datasheet HTML 5Page - STMicroelectronics TS2007_11 Datasheet HTML 6Page - STMicroelectronics TS2007_11 Datasheet HTML 7Page - STMicroelectronics TS2007_11 Datasheet HTML 8Page - STMicroelectronics TS2007_11 Datasheet HTML 9Page - STMicroelectronics TS2007_11 Datasheet HTML 10Page - STMicroelectronics TS2007_11 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TS2007
Electrical characteristics
Doc ID 13123 Rev 4
7/29
tSTBY
Standby time
5
ms
VN
Output voltage noise f = 20 Hz to 20 kHz, RL=4 Ω
Unweighted (Filterless, G=6 dB)
A-weighted (Filterless, G=6 dB)
Unweighted (with LC output filter, G=6 dB)
A-weighted (with LC output filter, G=6 dB)
Unweighted (Filterless, G=12 dB)
A-weighted (Filterless, G=12 dB)
Unweighted (with LC output filter, G=12 dB)
A-weighted (with LC output filter, G=12 dB)
74
50
69
49
94
65
86
64
μVRMS
1.
Standby mode is active when VSTBY is tied to GND.
2.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the superimposed sinus signal to VCC @ f = 217Hz.
3.
Independent of Gain configuration (6 or 12 dB) and between IN+ or IN- and GND.
Table 5.
VCC = +5 V, GND = 0 V, Vic=2.5 V, Tamb = 25 °C (unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com