Electronic Components Datasheet Search
  English  ▼

X  

TS2007 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS2007
Description  3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS2007_11 Datasheet HTML 6Page - STMicroelectronics TS2007_11 Datasheet HTML 7Page - STMicroelectronics TS2007_11 Datasheet HTML 8Page - STMicroelectronics TS2007_11 Datasheet HTML 9Page - STMicroelectronics TS2007_11 Datasheet HTML 10Page - STMicroelectronics TS2007_11 Datasheet HTML 11Page - STMicroelectronics TS2007_11 Datasheet HTML 12Page - STMicroelectronics TS2007_11 Datasheet HTML 13Page - STMicroelectronics TS2007_11 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Electrical characteristics
TS2007
10/29
Doc ID 13123 Rev 4
Table 8.
VCC = +3.0 V, GND = 0 V, Vic=1.5 V, Tamb = 25 °C (unless otherwise specified)
(1)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
1.9
2.7
mA
ICC-STBY
Standby current (2)
No input signal, VSTBY = GND
10
1000
nA
Voo
Output offset voltage
Floating inputs, RL = 8 Ω
25
mV
Po
Output power
THD+N = 1% Max, f = 1 kHz, RL = 4 Ω
THD+N = 1% Max, f = 1 kHz, RL = 8 Ω
THD = 10% Max, f = 1 kHz, RL = 4 Ω
THD = 10% Max, f = 1 kHz, RL = 8 Ω
0.75
0.45
1
0.6
W
THD + N
Total harmonic distortion + noise
Po = 400 mWRMS, G = 6 dB, f = 1 kHz, RL = 8 Ω
0.5
%
Efficiency
Efficiency
Po = 0.75 WRMS, RL = 4 Ω (with LC output filter)
Po = 0.45 WRMS, RL = 8 Ω (with LC output filter)
83
90
%
PSRR
Power supply rejection ratio with inputs grounded, Cin = 1 µF
(3)
f = 217 Hz, RL = 8 Ω, Gain=6 dB,Vripple = 200 mVpp
f = 217 Hz, RL = 8 Ω, Gain=12 dB, Vripple = 200 mVpp
63
60
dB
CMRR
Common mode rejection ratio 20 Hz < f < 20 kHz
60
dB
Gain
Gain value
GS = 0 V
GS = VCC
11.5
5.5
12
6
12.5
6.5
dB
Zin
Single input impedance (4)
68
75
82
k
Ω
FPWM
Pulse width modulator base frequency
190
280
370
kHz
SNR
Signal-to-noise ratio (A-weighting)
Po = 0.6 W, RL = 4 Ω (with LC output filter)
90
dB
tWU
Wake-up time
5
10
ms
tSTBY
Standby time
5
ms
VN
Output voltage noise f = 20 Hz to 20 kHz, RL=4 Ω
Unweighted (Filterless, G=6 dB)
A-weighted (Filterless, G=6 dB)
Unweighted (with LC output filter, G=6 dB)
A-weighted (with LC output filter, G=6 dB)
Unweighted (Filterless, G=12 dB)
A-weighted (Filterless, G=12 dB)
Unweighted (with LC output filter, G=12 dB)
A-weighted (with LC output filter, G=12 dB)
71
50
67
49
92
65
85
64
μVRMS
1.
All electrical values are guaranteed with correlation measurements at 2.4 V and 5 V.
2.
Standby mode is active when VSTBY is tied to GND.
3.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the superimposed sinus signal to VCC @ f = 217 Hz.
4.
Independent of Gain configuration (6 or 12 dB) and between IN+ or IN- and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com