Electronic Components Datasheet Search
  English  ▼

X  

TS2007 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS2007
Description  3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 Datasheet(HTML) 1 Page - STMicroelectronics

  TS2007_11 Datasheet HTML 1Page - STMicroelectronics TS2007_11 Datasheet HTML 2Page - STMicroelectronics TS2007_11 Datasheet HTML 3Page - STMicroelectronics TS2007_11 Datasheet HTML 4Page - STMicroelectronics TS2007_11 Datasheet HTML 5Page - STMicroelectronics TS2007_11 Datasheet HTML 6Page - STMicroelectronics TS2007_11 Datasheet HTML 7Page - STMicroelectronics TS2007_11 Datasheet HTML 8Page - STMicroelectronics TS2007_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
May 2011
Doc ID 13123 Rev 4
1/29
29
TS2007
3 W filter-free Class D audio power amplifer with
6-12 dB fixed gain select
Features
■ Operating range from VCC = 2.4 V to 5.5 V
■ Standby mode active low
■ Output power: 1.4 W at 5 V or 0.45 W at 3.0 V
into 8
Ω with 1% THD+N max.
■ Output power: 2.3 W at 5 V or 0.75 W at 3.0 V
into 4
Ω with 1% THD+N max.
■ Fixed gain select: 6 dB or 12 dB
■ Low current consumption
■ Efficiency: 88% typ.
■ Signal-to-noise ratio: 94 dB typ.
■ PSRR: 63 dB typ at 217 Hz with 6 dB gain
■ PWM base frequency: 280 kHz
■ Low pop & click noise
■ Thermal shutdown protection
■ DFN8 3 x 3 mm package
Applications
■ Cellular phones
■ PDAs
■ Notebook PCs
Description
The TS2007 is a class D power audio amplifier.
Able to drive up to 1.4 W into an 8
Ω load at 5 V, it
achieves outstanding efficiency compared to
typical class AB audio power amplifiers.
This device allows switching between two
different gains: 6 or 12dB via a logic signal on the
GS pin. A pop & click reduction circuitry provides
low on/off switching noise while allowing the
device to start within 5 ms. A standby function
(active low) allows lowering the current
consumption down to 10 nA typ.
The TS2007 is available in DFN8 3 x 3 mm lead-
free packages.
TS2007IQT - DFN8
TS2007IQT - DFN8
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
www.st.com


Similar Part No. - TS2007_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2007EIJT STMICROELECTRONICS-TS2007EIJT Datasheet
454Kb / 28P
3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
19-Aug-2008
TS2007EIJT STMICROELECTRONICS-TS2007EIJT Datasheet
833Kb / 33P
3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
15-Apr-2019
TS2007EKIJT STMICROELECTRONICS-TS2007EKIJT Datasheet
454Kb / 28P
3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
19-Aug-2008
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
454Kb / 28P
3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
19-Aug-2008
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
833Kb / 33P
3 W, filter-free, class-D audio power amplifier with 6 or 12 dB fixed gain select
15-Apr-2019
More results

Similar Description - TS2007_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS2007 STMICROELECTRONICS-TS2007 Datasheet
466Kb / 29P
3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
24-May-2007
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
454Kb / 28P
3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
19-Aug-2008
TS2012 STMICROELECTRONICS-TS2012 Datasheet
376Kb / 30P
Filter-free stereo 2x2.8W class D audio power amplifer
17-Dec-2007
TS2012FC STMICROELECTRONICS-TS2012FC Datasheet
598Kb / 31P
Filter-free flip-chip stereo 2x2.5 W class D audio power amplifer
17-Apr-2008
logo
Texas Instruments
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
logo
STMicroelectronics
STEVAL-CCA012V1 STMICROELECTRONICS-STEVAL-CCA012V1 Datasheet
107Kb / 4P
3 W filter-free class-D audio amplifier demonstration board with 6-12 dB fixed gain select based on the TS2007
17-Jun-2009
logo
Texas Instruments
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1_16 Datasheet
1Mb / 19P
2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com