Electronic Components Datasheet Search
  English  ▼

X  

STPS2H100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2H100
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2H100_10 Datasheet HTML 1Page - STMicroelectronics STPS2H100_10 Datasheet HTML 2Page - STMicroelectronics STPS2H100_10 Datasheet HTML 3Page - STMicroelectronics STPS2H100_10 Datasheet HTML 4Page - STMicroelectronics STPS2H100_10 Datasheet HTML 5Page - STMicroelectronics STPS2H100_10 Datasheet HTML 6Page - STMicroelectronics STPS2H100_10 Datasheet HTML 7Page - STMicroelectronics STPS2H100_10 Datasheet HTML 8Page - STMicroelectronics STPS2H100_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2010
Doc ID 6115 Rev 7
1/10
10
STPS2H100
Power Schottky rectifier
Features
■ Negligible switching losses
■ High junction temperature capability
■ Low leakage current
■ Good trade-off between leakage current and
forward voltage drop
■ Avalanche capability specified
Description
Schottky rectifiers designed for high frequency
miniature switched mode power supplies such as
adaptators and on board DC/DC converters.
Available in SMA, SMB, low-profile SMB.
Table 1.
Device summary
Symbol
Value
IF(AV)
2 A
VRRM
100 V
Tj (max)
175 °C
VF (max)
0.65 V
K
A
SMA
STPS2H100A
SMB
STPS2H100U
K
A
K
A
SMB flat
STPS2H100UF
www.st.com


Similar Part No. - STPS2H100_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
Automotive power Schottky rectifier
03-Dec-2010
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
233Kb / 13P
Automotive 100 V - 2 A power Schottky diode
11-Feb-2021
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y_V01 Datasheet
233Kb / 13P
Automotive 100 V - 2 A power Schottky diode
11-Feb-2021
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS2H100AFY STMICROELECTRONICS-STPS2H100AFY Datasheet
233Kb / 13P
Automotive 100 V - 2 A power Schottky diode
11-Feb-2021
More results

Similar Description - STPS2H100_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com