Electronic Components Datasheet Search
  English  ▼

X  

STPS2H100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2H100
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2H100_10 Datasheet HTML 1Page - STMicroelectronics STPS2H100_10 Datasheet HTML 2Page - STMicroelectronics STPS2H100_10 Datasheet HTML 3Page - STMicroelectronics STPS2H100_10 Datasheet HTML 4Page - STMicroelectronics STPS2H100_10 Datasheet HTML 5Page - STMicroelectronics STPS2H100_10 Datasheet HTML 6Page - STMicroelectronics STPS2H100_10 Datasheet HTML 7Page - STMicroelectronics STPS2H100_10 Datasheet HTML 8Page - STMicroelectronics STPS2H100_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS2H100
4/10
Doc ID 6115 Rev 7
Figure 7.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (SMB)
Figure 8.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (SMB flat)
0
1
2
3
4
5
6
7
8
9
10
1.E-03
1.E-02
1.E-01
1.E+00
I (A)
M
IM
t
δ=0.5
t(s)
T =125°C
a
T =25°C
a
T =75°C
a
SMB
0
5
10
15
20
25
30
1.E-03
1.E-02
1.E-01
1.E+00
I (A)
M
IM
t
δ=0.5
t(s)
T =125°C
L
T =25°C
L
T =75°C
L
SMB flat
Figure 9.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SMA / SMB)
Figure 10.
Relative variation of thermal
impedance junction to lead
versus pulse duration (SMB flat)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-a)
th(j-a)
T
δ=tp/T
tp
t (s)
p
Single pulse
SMA
SMB
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
SMB flat
(non exposed pad)
Z/R
th(j-l)
th(j-l)
t (s)
p
Single pulse
Figure 11.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 12.
Junction capacitance versus
reverse voltage applied
(typical values)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
2040
6080
100
T
j=150°C
T
j=125°C
T
j=25°C
T
j=100°C
T
j=75°C
T
j=50°C
V (V)
R
I (µA)
R
10
100
1
10
100
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com