Electronic Components Datasheet Search
  English  ▼

X  

STTH102-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH102-Y
Description  Automotive high efficiency ultrafast diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH102-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH102-Y Datasheet HTML 1Page - STMicroelectronics STTH102-Y Datasheet HTML 2Page - STMicroelectronics STTH102-Y Datasheet HTML 3Page - STMicroelectronics STTH102-Y Datasheet HTML 4Page - STMicroelectronics STTH102-Y Datasheet HTML 5Page - STMicroelectronics STTH102-Y Datasheet HTML 6Page - STMicroelectronics STTH102-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
November 2011
Doc ID 17982 Rev 1
1/7
7
STTH102-Y
Automotive high efficiency ultrafast diode
Features
Very low conduction losses
Negligible switching losses
Low forward and reverse recovery times
High junction temperature
ECOPACK®2 compliant component
AEC-Q101 qualified
Description
The STTH102-Y, which is using ST’s new 200 V
planar technology, is specially suited for switching
mode base drive and transistor circuits. The
device is also intended for use as a free wheeling
diode in power supplies and other power
switching applications for automotive.
Table 1.
Device summary
Symbol
Value
IF(AV)
1 A
VRRM
200 V
Tj (max)
175 °C
VF(max)
0.78 V
trr (max)
20 ns
K
A
SMA
(JEDEC DO-214AC)
STTH102AY
www.st.com


Similar Part No. - STTH102-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH102A STMICROELECTRONICS-STTH102A Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH102RL STMICROELECTRONICS-STTH102RL Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
More results

Similar Description - STTH102-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
STTH2003C-Y STMICROELECTRONICS-STTH2003C-Y Datasheet
89Kb / 7P
Automotive high efficiency ultrafast diode
24-Oct-2012
STTH1002C-Y STMICROELECTRONICS-STTH1002C-Y Datasheet
122Kb / 10P
Automotive high efficiency ultrafast diode
03-Nov-2011
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH1602C-Y STMICROELECTRONICS-STTH1602C-Y Datasheet
461Kb / 11P
Automotive high efficiency ultrafast diode
04-Dec-2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com