Electronic Components Datasheet Search
  English  ▼

X  

STTH102-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH102-Y
Description  Automotive high efficiency ultrafast diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH102-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH102-Y Datasheet HTML 1Page - STMicroelectronics STTH102-Y Datasheet HTML 2Page - STMicroelectronics STTH102-Y Datasheet HTML 3Page - STMicroelectronics STTH102-Y Datasheet HTML 4Page - STMicroelectronics STTH102-Y Datasheet HTML 5Page - STMicroelectronics STTH102-Y Datasheet HTML 6Page - STMicroelectronics STTH102-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STTH102-Y
Characteristics
Doc ID 17982 Rev 1
3/7
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
P
(W)
F(AV)
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.05 δ = 0.1
δ = 0.2
I
(A)
F(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
R
=120°C/W
th(j-a)
R=R
th(j-a)
th(j-I)
T
δ=tp/T
tp
T
(°C)
amb
Figure 3.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 4.
Forward voltage drop versus
forward current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
T
δ=t /T
p
t
p
Z/R
th(j-a)
th(j-a)
δ = 0.5
δ = 0.2
δ = 0.1
t (s)
p
epoxy printed circuit board,
e
= 35 µm, recommended pad layout
(Cu)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
I
(A)
FM
V
(V)
FM
T =125°C
(maximum values)
j
T =125°C
(typical values)
j
T =25°C
(maximum values)
j
Figure 5.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 6.
Reverse recovery time versus dIF/dt
(90% confidence)
1
10
100
1
10
100
1000
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R
0
10
20
30
40
50
60
70
1
10
100
1000
t (ns)
rr
dI /dt(A/µs)
F
I =1A
F
V =100V
T =125°C
R
j
T =125°C
j
T =25°C
j



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com