Electronic Components Datasheet Search
  English  ▼

X  

STTH102-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH102-Y
Description  Automotive high efficiency ultrafast diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH102-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH102-Y Datasheet HTML 1Page - STMicroelectronics STTH102-Y Datasheet HTML 2Page - STMicroelectronics STTH102-Y Datasheet HTML 3Page - STMicroelectronics STTH102-Y Datasheet HTML 4Page - STMicroelectronics STTH102-Y Datasheet HTML 5Page - STMicroelectronics STTH102-Y Datasheet HTML 6Page - STMicroelectronics STTH102-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STTH102-Y
4/7
Doc ID 17982 Rev 1
Figure 7.
Peak recovery current versus dIF/dt
(90% confidence)
Figure 8.
Reverse recovery charges versus
dIF/dt (90% confidence)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
10
100
1000
I
(A)
RM
dI /dt(A/µs)
F
I =1A
F
V =100V
T =125°C
R
j
T =125°C
j
T =25°C
j
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
1
10
100
1000
Q (nC)
rr
dI /dt(A/µs)
F
I =1A
F
V =100V
R
T =125°C
j
T =25°C
j
Figure 9.
Relative variations of dynamic
parameters versus junction
temperature
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under each lead
1.0
1.5
2.0
2.5
3.0
3.5
25
50
75
100
125
150
175
I; t ; Q
[T ] /
RM
rr
rr
j
I
; t ; Q
[T =25°C]
RM
rr
rr
j
T (°C)
j
IRM
trr
QRR
I=I
dI /dt=200A/µs
F
F(AV)
F
V =100V
R
0
10
20
30
40
50
60
70
80
90
100
110
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S(cm²)
Epoxy printed circuit board FR4, copper thickness: 35 µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com