Electronic Components Datasheet Search
  English  ▼

X  

SF2147D Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF2147D
Description  157.0 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2147D Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF2147D Datasheet HTML 1Page - RF Monolithics, Inc SF2147D Datasheet HTML 2Page - RF Monolithics, Inc SF2147D Datasheet HTML 3Page - RF Monolithics, Inc SF2147D Datasheet HTML 4Page - RF Monolithics, Inc SF2147D Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 5
©2010 by RF Monolithics, Inc.
SF2147D - 6/25/10
Filter Input and Output VSWR Plots
CH1
S11
S WR
1 /
REF 1
Cor
Smo
PRm
CH2
S22
S WR
1 /
REF -1
CENTER
157
. 000
000
MHz
SP AN
80 . 000
000
MHz
Cor
PRm
18 Mar 2008 09:02:26
1
1 : 3 . 8573
157
. 000
000
MHz
1
1 : 1 . 3398
157
. 000
000
MHz
SF2147D demo1
Full
Full
SF2147D
Typical Tuning Network



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com