Electronic Components Datasheet Search
  English  ▼

X  

SF2147D Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2147D
Description  157.0 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2147D Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2147D Datasheet HTML 1Page - RF Monolithics, Inc SF2147D Datasheet HTML 2Page - RF Monolithics, Inc SF2147D Datasheet HTML 3Page - RF Monolithics, Inc SF2147D Datasheet HTML 4Page - RF Monolithics, Inc SF2147D Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 5
©2010 by RF Monolithics, Inc.
SF2147D - 6/25/10
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
1
157
MHz
Passband Width
BW
20
Matched Insertion Loss, 147 to 167 MHz
IL
7.8
8.5
dB
Passband Amplitude Ripple, 147 to 167 MHz
1.2
1.8
dBP-P
Passband Group Delay, 147 to 167 MHz
0.2
µs
Passband Group Delay Ripple, 147 to 167 MHz
15
50
nsP-P
Rejection:
1, 2, 3
dB
fC ± (16 to 20 MHz)
811
fC ± (20 to 100 MHz)
15
29
DC to 57 MHz
35
45
257 to 1000 MHz
Single-ended Source Impedance
50 ohm
Single-ended Load Impedance
50 ohm
Case Style
SM3838-6 3.8 x 3.8 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) dot=pin 1 indicator
796, YWWS
Standard Reel Quantity
Reel Size 7 Inch
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Connection
Terminals
Port 1
2
Port 2
5
Case Ground
All others
SM3838-6
• CDMA Base Station SAW Filter
• 3.8 x 3.8 x 1.4 mm Surface-mount Package
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Maximum DC Voltage on any Non-ground Terminals
3
VDC
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Suitable for Lead-free Soldering - Maximum Soldering Profile
260°C for 30 s
157.0 MHz
SAW Filter
SF2147D
1.
Unless noted otherwise, all specifications apply over the operating temper-
ature range with filter soldered to the specified demonstration board with
impedance matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the
nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the
passband. Rejection in final user application is dependent on PCB layout
and external impedance matching design. See Application Note No. 42
for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production"
and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are
subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design.
However, impedances and impedance matching may vary between Port 1
and Port 2, so that the filter must always be installed in one direction per
the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered
trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Preliminary


Similar Part No. - SF2147D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2147D MURATA-SF2147D Datasheet
633Kb / 5P
157 MHz SAW Filter
More results

Similar Description - SF2147D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7738 EPCOS-B7738 Datasheet
93Kb / 8P
SAW filter 719.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
B9410 EPCOS-B9410 Datasheet
102Kb / 8P
SAW filter 2441.75 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com