Electronic Components Datasheet Search
  English  ▼

X  

SF2147D Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # SF2147D
Description  157.0 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2147D Datasheet(HTML) 5 Page - RF Monolithics, Inc

  SF2147D Datasheet HTML 1Page - RF Monolithics, Inc SF2147D Datasheet HTML 2Page - RF Monolithics, Inc SF2147D Datasheet HTML 3Page - RF Monolithics, Inc SF2147D Datasheet HTML 4Page - RF Monolithics, Inc SF2147D Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 5
©2010 by RF Monolithics, Inc.
SF2147D - 6/25/10
Tape and Reel Specifications
“B “
Nominal Size
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
3000
See Detail "A"
2.0
12.0
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
4.25 mm
Bo
4.25 mm
Ko
1.30 mm
Pitch
8.0 mm
W12.0 mm
RO.3
(MAX.)
Ko
SECTION A-A
0.3 ± 0.05
SECTION B-B
Bo
2.0
4.0
Ao
Pitch
BB
A
R0.5
(MAX.)
A
1.5
1.50
PIN #1
USER DIRECTION OF FEED



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com