Electronic Components Datasheet Search
  English  ▼

X  

SF2181D Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF2181D
Description  140 MHz SAW Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2181D Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF2181D Datasheet HTML 1Page - RF Monolithics, Inc SF2181D Datasheet HTML 2Page - RF Monolithics, Inc SF2181D Datasheet HTML 3Page - RF Monolithics, Inc SF2181D Datasheet HTML 4Page - RF Monolithics, Inc SF2181D Datasheet HTML 5Page - RF Monolithics, Inc SF2181D Datasheet HTML 6Page - RF Monolithics, Inc SF2181D Datasheet HTML 7Page - RF Monolithics, Inc SF2181D Datasheet HTML 8Page - RF Monolithics, Inc SF2181D Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 11
©2009-2010 by RF Monolithics, Inc.
SF2181D - 2/16/10
SF2181D, Using Matching Network A
CH1
S 11
1 U FS
CENTR
14 0 . 000
MH z
SPA N
120
. 0 00
M Hz
Cor
CH2
S21
LO G
10 dB/
RE F -9 dB
C ENTER
140
. 0 00
00 0
MHz
SPAN
1 20 . 00 0
000
M Hz
Cor
CH3
S2 2
1 U FS
CEN TR
14 0 . 0 00
M Hz
SPAN
1 20 . 00 0
MHz
Cor
25 Ma r 2009 14 :5 7:42
1
1: 39 . 15 6
13 . 82 4
15 . 7 16
nH
140
. 000
000
MHz
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
Max
REF=1
CH2
M arkers
BW :
27 . 8 427 21
MHz
cent
:
139 . 796 68 7
MHz
Q: 5 . 0 209
1_ loss
: -8 . 09 49
dB
CH2 PASS
1
1: 36 . 95 1
10 . 041
11 . 4 15
nH
1 40
. 00 0
000
M Hz
SF2 181D
SB an d BS
Full
Full
CH2
S2 1
LO G
10 d B/
RE F -9 dB
S TA RT
10 . 000
000
MHz
S TO P
1 000
. 00 0
000
M Hz
25 Mar 2 009 15:11:22
1
2
3
4
4 : -11
. 35 8
dB
1 53
. 7 09
559
M Hz
CH2
Ma rke rs
1: -8 . 6 92 3
d B
12 8
. 800
M Hz
2 : -51
. 908
d B
11 6
. 000
M Hz
3 : -49
. 108
d B
16 6
. 000
M Hz
CH2 PASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com