Electronic Components Datasheet Search
  English  ▼

X  

SF2181D Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # SF2181D
Description  140 MHz SAW Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2181D Datasheet(HTML) 5 Page - RF Monolithics, Inc

  SF2181D Datasheet HTML 1Page - RF Monolithics, Inc SF2181D Datasheet HTML 2Page - RF Monolithics, Inc SF2181D Datasheet HTML 3Page - RF Monolithics, Inc SF2181D Datasheet HTML 4Page - RF Monolithics, Inc SF2181D Datasheet HTML 5Page - RF Monolithics, Inc SF2181D Datasheet HTML 6Page - RF Monolithics, Inc SF2181D Datasheet HTML 7Page - RF Monolithics, Inc SF2181D Datasheet HTML 8Page - RF Monolithics, Inc SF2181D Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 11
©2009-2010 by RF Monolithics, Inc.
SF2181D - 2/16/10
CH1
S 11
1 U FS
CENTR
14 0 . 000
M Hz
SPA N
120
. 0 00
M Hz
Cor
CH2
S2 1
LO G
10 dB/
RE F -10.0 8 d B
CENTER
140
. 0 00
00 0
MHz
SPAN
1 20 . 00 0
000
M Hz
Cor
CH3
S2 2
1 U FS
CENTR
14 0
. 0 00
M Hz
SPAN
1 20 . 00 0
MHz
Cor
3 Mar 2009 16:28:17
1
1: 37 . 84 2
13 . 59 6
15 . 4 56
nH
140
. 0 00
00 0
MHz
1
2
3
4
1: 0. 0 00 0
d B
0. 0 00
00 0
M Hz
Max
REF= 1
CH2
M arkers
BW :
28 . 0 388 90
MHz
cen t
:
13 9 . 828 48 5
M Hz
Q: 4 . 9 869
1 _ loss
: -7
. 66 51
dB
CH2 PA SS
1
1 : 46 . 906
-3 . 83 20
296
. 66
pF
140 . 00 0
000
MHz
SF2 181D SS
Tu ning2
Full
Full
SF2181D, Using Matching Network C
CH1
S2 1
DEL
50 ns/
RE F 400 ns
C
Sm o
CH3
S2 1
LO G
1 d B/
RE F -8 dB
CENTER
140
. 000
000
MHz
SPAN
40 . 000
000
MHz
C
3 Mar 2009 16:29:11
1
2
3
2 : -2 0
. 86 6
ns
2 2 . 000
0 00
MHz
REF=3
CH1
Markers
me an
: 3 16 . 34
n s
s . dev
: 7 . 2850
ns
p-p
: 3 7 . 1 07
n s
1
2
3
3 : - . 79690
dB
2 2 . 000
0 00
MHz
REF=2
CH3
Markers
mean
: -8 . 2446
dB
s . dev
: . 18590
dB
p-p
: . 93 510
d B
SF2 181D SS
Tu ning2
Full



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com