Electronic Components Datasheet Search
  English  ▼

X  

SF2181D Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF2181D
Description  140 MHz SAW Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2181D Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF2181D Datasheet HTML 1Page - RF Monolithics, Inc SF2181D Datasheet HTML 2Page - RF Monolithics, Inc SF2181D Datasheet HTML 3Page - RF Monolithics, Inc SF2181D Datasheet HTML 4Page - RF Monolithics, Inc SF2181D Datasheet HTML 5Page - RF Monolithics, Inc SF2181D Datasheet HTML 6Page - RF Monolithics, Inc SF2181D Datasheet HTML 7Page - RF Monolithics, Inc SF2181D Datasheet HTML 8Page - RF Monolithics, Inc SF2181D Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 11
©2009-2010 by RF Monolithics, Inc.
SF2181D - 2/16/10
CH1
S11
LOG
5 dB /
REF -8 dB
C
CH3
S22
LOG
5 dB /
REF -1 0 d B
CENTE R
1 40
. 00 0
000
M Hz
S PAN
40 . 0 00
00 0
MHz
C
25 Mar 2009 15:01:36
1
1 : -14
. 18 4
dB
140
. 0 00
00 0
MHz
1
1 : -14
. 52 4
dB
140
. 0 00
00 0
MHz
SF218 1D
SB and BS
retu rn loss
Full
CH1
S21
DEL
50 ns/
REF 400 ns
CENTER
140
. 000
000
MHz
SPAN
40 . 000
000
MHz
C
Smo
CH3
S21
LOG
1 dB/
REF -8.884 dB
C
25 Mar 2009 15:00:32
1
2
3
3 : 21 . 791
ns
-22
. 000
000
MHz
REF=2
CH1
Markers
mean
: 314 . 06
ns
s . dev
: 6 . 7905
ns
p-p
: 32 . 759
ns
1
2
3
3 : 1 . 0845
dB
-22
. 000
000
MHz
REF=2
CH3
Markers
mean
: -8 . 9407
dB
s . dev
: . 21580
dB
p-p
: 1 . 1586
dB
SF2181D
SB and BS
ripple
Full
SF2181D, Using Matching Network A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com