Electronic Components Datasheet Search
  English  ▼

X  

SF2182D Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF2182D
Description  140 MHz SAW Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2182D Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF2182D Datasheet HTML 1Page - RF Monolithics, Inc SF2182D Datasheet HTML 2Page - RF Monolithics, Inc SF2182D Datasheet HTML 3Page - RF Monolithics, Inc SF2182D Datasheet HTML 4Page - RF Monolithics, Inc SF2182D Datasheet HTML 5Page - RF Monolithics, Inc SF2182D Datasheet HTML 6Page - RF Monolithics, Inc SF2182D Datasheet HTML 7Page - RF Monolithics, Inc SF2182D Datasheet HTML 8Page - RF Monolithics, Inc SF2182D Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 14
©2010 by RF Monolithics, Inc.
SF2182D - 5/28/10
CH1
S11
1 U FS
CENTR
140
. 000
MHz
SPAN
150 . 000
MHz
Cor
CH2
S2 1
LOG
10 dB /
REF -13 .41 d B
STA RT
65 . 000
000
M Hz
STOP
2 15 . 00 0
00 0
MHz
Cor
CH3
S22
1 U FS
CENTR
14 0 . 000
MHz
SPAN
150 . 000
MHz
Cor
2 5 Nov 2009 10:46:02
1
1: 52 . 89 8
19 . 488
22 . 155
nH
140 . 0 00
00 0
MHz
1
2
3
4
1 : 0. 0000
dB
0. 000
000
MHz
Max
REF=1
CH2
Markers
BW :
43 . 672344
MHz
cent
:
139 . 8457 12
MHz
Q: 3. 2022
1_ loss
: -1 3
. 402
dB
1
1: 13 . 7 40
10 . 558
12 . 002
nH
140 . 000
0 00
M Hz
Full
Full
SF2182D, Single-ended Matching
CH2
S21
LOG
10 dB/
REF -13.46 dB
START
70 . 000
000
MHz
STOP
1 000 . 000
000
MHz
Cor
25 Nov 20 09 10 :44 :54
1
1 : -14
. 341
dB
140 . 000
000
MHz
Resp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com