Electronic Components Datasheet Search
  English  ▼

X  

SF2182D Datasheet(PDF) 13 Page - RF Monolithics, Inc

Part # SF2182D
Description  140 MHz SAW Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2182D Datasheet(HTML) 13 Page - RF Monolithics, Inc

Back Button SF2182D Datasheet HTML 6Page - RF Monolithics, Inc SF2182D Datasheet HTML 7Page - RF Monolithics, Inc SF2182D Datasheet HTML 8Page - RF Monolithics, Inc SF2182D Datasheet HTML 9Page - RF Monolithics, Inc SF2182D Datasheet HTML 10Page - RF Monolithics, Inc SF2182D Datasheet HTML 11Page - RF Monolithics, Inc SF2182D Datasheet HTML 12Page - RF Monolithics, Inc SF2182D Datasheet HTML 13Page - RF Monolithics, Inc SF2182D Datasheet HTML 14Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.RFM.com E-mail: info@rfm.com
Page 13 of 14
©2010 by RF Monolithics, Inc.
SF2182D - 5/28/10
0 . 0 6 6
0 . 0 5 5 T Y P .
( 1 . 6 8 )
( 1 . 4 0 )
8-Terminal Ceramic Surface-Mount Case
3.8 X 3.8 mm Nominal Footprint
SM3838-8 Case
Top View
Bottom View
PCB Footprint for 180 Degree Rotation Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com