Electronic Components Datasheet Search
  English  ▼

X  

SF2182D Datasheet(PDF) 8 Page - RF Monolithics, Inc

Part # SF2182D
Description  140 MHz SAW Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2182D Datasheet(HTML) 8 Page - RF Monolithics, Inc

Back Button SF2182D Datasheet HTML 4Page - RF Monolithics, Inc SF2182D Datasheet HTML 5Page - RF Monolithics, Inc SF2182D Datasheet HTML 6Page - RF Monolithics, Inc SF2182D Datasheet HTML 7Page - RF Monolithics, Inc SF2182D Datasheet HTML 8Page - RF Monolithics, Inc SF2182D Datasheet HTML 9Page - RF Monolithics, Inc SF2182D Datasheet HTML 10Page - RF Monolithics, Inc SF2182D Datasheet HTML 11Page - RF Monolithics, Inc SF2182D Datasheet HTML 12Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.RFM.com E-mail: info@rfm.com
Page 8 of 14
©2010 by RF Monolithics, Inc.
SF2182D - 5/28/10
CH1
S 11
L OG
5 dB/
R EF -5 d B
CE NTER
14 0 . 000
000
MH z
SPA N
8 0 . 000
0 00
MHz
Co r
CH3
S 22
L OG
5 dB/
R EF -5 d B
Co r
14 Dec 2009 12:59:33
1
2
3
4
4 : - . 97 290
dB
176 . 393
601
MHz
CH1
Ma rke rs
1: -5 .0 052
dB
12 0 . 000
M Hz
2: -7 .3 450
dB
16 0 . 000
M Hz
3: -15
. 762
dB
14 0 . 000
M Hz
1
2
3
4
4 : -2 . 6 548
dB
176 . 393
601
MHz
CH3
Ma rke rs
1: -3 .5 531
dB
12 0 . 000
M Hz
2: -9 .5 841
dB
14 0 . 000
M Hz
3: -10
. 120
dB
16 0 . 000
M Hz
SF21 82 D
SB 200
Fu ll
CH1
S21
D EL
5 0 ns/
REF 394.8 ns
Cor
Sm o
CH2
S2 1
LOG
1 dB/
REF -1 4.58 dB
CENTER
1 40
. 00 0
000
M Hz
SP AN
80 . 00 0
000
M Hz
Cor
14 Dec 2009 1 3:16:57
1
1 : 39 7 . 34
ns
1 40 . 00 0
0 00
M Hz
1
2
3
2 : . 532 10
dB
40 . 0 00
00 0
MHz
REF=1
CH2
Mar ke rs
mean
: -1 4
. 729
dB
s . de v
: . 15 910
dB
p-p
: . 9 19 60
dB
SF2 182D
SB
Full
Full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com