Electronic Components Datasheet Search
  English  ▼

X  

ECMF02-4CMX8 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ECMF02-4CMX8
Description  Common mode filter with ESD protection for USB 2.0 Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-4CMX8 Datasheet(HTML) 2 Page - STMicroelectronics

  ECMF02-4CMX8 Datasheet HTML 1Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 2Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 3Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 4Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 5Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 6Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 7Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 8Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Characteristics
ECMF02-4CMX8
2/16
Doc ID 022286 Rev 1
1
Characteristics
Figure 2.
Electrical characteristics - definitions
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage(1)
ESD discharge IEC 61000-4-2, level 4
Contact discharge on D+/D- pins
Contact discharge on VBUS and ID pins
Air discharge on all pins
10
20
30
kV
PPP
Peak pulse power (8/20µs) on VBUS
150
W
IPP
Peak pulse current (8/20µs) on VBUS
4.8
A
Top
Operating temperature
-30 to +85
°C
Tj
Maximum junction temperature
125
°C
Tstg
Storage temperature range
- 55 to +150
°C
1.
Measurements done on IEC 61000-4-2 test bench. For further details see Application note AN3353.
I
V
I
PP
I
PP
V
CL
V
CL
V
BR
V
BR
V
RM
V
RM
I
R
I
R
I
RM
I
RM
I
RM
I
RM
I
R
I
R
I
PP
I
PP
V
RM
V
RM
V
BR
V
BR
V
CL
V
CL
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
V
=
Clamping voltage
I
=
Peak pulse current
I
=
Breakdown current
BR
RM
RM
RM
CL
PP
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com