Electronic Components Datasheet Search
  English  ▼

X  

ECMF02-4CMX8 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ECMF02-4CMX8
Description  Common mode filter with ESD protection for USB 2.0 Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-4CMX8 Datasheet(HTML) 5 Page - STMicroelectronics

  ECMF02-4CMX8 Datasheet HTML 1Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 2Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 3Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 4Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 5Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 6Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 7Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 8Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ECMF02-4CMX8
Characteristics
Doc ID 022286 Rev 1
5/16
Figure 6.
ESD test conditions
Figure 7.
ESD response to IEC 61000-4-2 (+8 kV contact discharge) on VBUS
- 20 dB
- 20 dB
D+
D-
D-
GND
V
BUS
GND
ID
D+
Attenuators
Oscilloscope 50
Ω
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
85.6 V
46.3 V
30.7 V
23.5 V
1
2
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com