Electronic Components Datasheet Search
  English  ▼

X  

ECMF02-4CMX8 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ECMF02-4CMX8
Description  Common mode filter with ESD protection for USB 2.0 Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-4CMX8 Datasheet(HTML) 3 Page - STMicroelectronics

  ECMF02-4CMX8 Datasheet HTML 1Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 2Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 3Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 4Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 5Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 6Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 7Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 8Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ECMF02-4CMX8
Characteristics
Doc ID 022286 Rev 1
3/16
Figure 3.
SDD21 differential attenuation measurement (Z0 diff = 90 ) for data lines D+ and D-
Table 2.
Electrical characteristics (values, Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Data Lines
VBR
IR = 1 mA
6
V
IRM
VRM = 5.5 V per line
100
nA
RDC
DC serial resistance on data line
3
4
VBUS
VBR
IR = 1 mA
15
16.5
18
V
IRM
VRM = 12 V
50
nA
VCL
Clamping voltage. IPP = 1 A, tp = 8/20 µs
20
V
VCL
Clamping voltage. IPP = 2.5 A, tp = 8/20 µs
24
V
ID
VBR
IR = 1 mA
6
V
IRM
VRM = 1.5 V per line
100
nA
SDD21 (dB)
100k
1M
10M
100M
1G
-3
-2.5
-2
-1.5
-1
-0.5
0
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com