Electronic Components Datasheet Search
  English  ▼

X  

ECMF06-6AM16 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ECMF06-6AM16
Description  Common mode filter with ESD protection for MIPI D-PHY and MDDI interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF06-6AM16 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ECMF06-6AM16 Datasheet HTML 2Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 3Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 4Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 5Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 6Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 7Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 8Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 9Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Characteristics
ECMF06-6AM16
6/16
Doc ID 022284 Rev 2
Figure 8.
SCCxx inter-lane common-mode cross-coupling measurement
(Z0 diff = 100 )
Figure 9.
MIPI D-PHY low power mode test setup
100k
1M
10M
100M
1G
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SCCxx (dB)
F/Hz
D0-D1
D0-D2
Generator Agilent 81110
Pattern mode, F = 10 MHz
modulation RZ, 50
output
Ω
CMF
Oscilloscope Lecroy
7300
1
A,
M
input
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com