Electronic Components Datasheet Search
  English  ▼

X  

ECMF06-6AM16 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ECMF06-6AM16
Description  Common mode filter with ESD protection for MIPI D-PHY and MDDI interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF06-6AM16 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ECMF06-6AM16 Datasheet HTML 4Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 5Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 6Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 7Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 8Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 9Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 10Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 11Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Characteristics
ECMF06-6AM16
8/16
Doc ID 022284 Rev 2
Figure 12.
ESD response to IEC61000-4-2 (-8 kV contact discharge)
- see Figure 13 for test set-up
Figure 13.
ESD measurement test set-up
50 V/div
-76 V
-23 V
-6 V
-4 V
20 ns/div
1
2
4
V : ESD peak voltage
PP
V :clamping voltage @ 30 ns
CL
V :clamping voltage @ 60 ns
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
3
-120 V
-7 V
-4 V
-1 V
1
2
4
3
Oscilloscope
50
Ω input
2 x 20 dB attenuator
2 x 20 dB attenuator
ESD contact zap
±8 kV on pins
D0+
D0-
GND
D1+
D1-
D2+
D2-
GND
D0+
D0-
NC
D1+
D1-
D2+
D2 -
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com