Electronic Components Datasheet Search
  English  ▼

X  

ECMF06-6AM16 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ECMF06-6AM16
Description  Common mode filter with ESD protection for MIPI D-PHY and MDDI interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF06-6AM16 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ECMF06-6AM16 Datasheet HTML 3Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 4Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 5Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 6Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 7Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 8Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 9Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 10Page - STMicroelectronics ECMF06-6AM16 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ECMF06-6AM16
Characteristics
Doc ID 022284 Rev 2
7/16
Figure 10.
Low power pulse response - see Figure 9 for test setup
Figure 11.
ESD response to IEC61000-4-2 (+8 kV contact discharge)
- see Figure 13 for test set-up
Dx+
Dx-
500 mV/div
1
ns/div
00
500 mV/div
1
ns/div
00
50 V/div
93 V
29 V
24 V
11 V
20 ns/div
1
2
4
V : ESD peak voltage
PP
V :clamping voltage @ 30 ns
CL
V :clamping voltage @ 60 ns
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
3
122 V
9V
9V
7V
1
2
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com