Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-SPK02F2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF02-SPK02F2
Description  2-line IPAD?? EMI filter and ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-SPK02F2 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF02-SPK02F2_12 Datasheet HTML 1Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 2Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 3Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 4Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 5Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 6Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 7Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 8Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
EMIF02-SPK02F2
2/12
Doc ID 15035 Rev 3
1
Characteristics
Figure 3.
Electrical characteristics - definitions
Table 2.
Electrical characteristics - values (Tamb = 25 °C)
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC 61000-4-2
Air discharge
Contact discharge
30
30
kV
ISPK
Maximum rms current per channel
350
mA
Tj
Junction temperature range
-30 to 125
°C
Tstg
Storage temperature range
-55 to + 150
°C
Symbol
Test conditions
Min
Typ
Max
Unit
VBR
IR = 1 mA
6
V
IRM
VRM = 3 V
400
nA
RI/O
0.35
0.8
Ω
CLINE
VR = 0 V DC, 1 MHz
185
250
315
pF
Fc
Cut-off frequency: ZSOURCE = ZLOAD = 50 Ω
20
MHz
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
I
=
Forward current
I
=
Peak pulse current
I
=
Breakdown current
V
=
Forward voltage drop
R
BR
RM
RM
RM
PP
R
F
V
=
Clamping voltage
CL
F
d
=
Dynamic resistance
T
=
Voltage temperature
α
I
I
PP
PP
V
V
CL
CL
Slope: 1/Rd
Slope: 1/Rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com