Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-SPK02F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF02-SPK02F2
Description  2-line IPAD?? EMI filter and ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-SPK02F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF02-SPK02F2_12 Datasheet HTML 1Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 2Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 3Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 4Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 5Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 6Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 7Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 8Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
EMIF02-SPK02F2
4/12
Doc ID 15035 Rev 3
Figure 6.
ESD test conditions
Figure 7.
Clamping voltage VCL versus peak pulse current IPP for short pulse duration such as
ESD surges
Note:
For further information on the dynamic characteristic see the STMicroelectronics’
application note AN4022, “TVS short pulse Rd measurement and correlation with TVS
clamping voltage during ESD”.
2 x -20 dB
50
input
Ω
IPP (A)
0
5
10
15
20
25
30
35
40
02
46
8
10
12
14
16
IP
P
(A
)
VCL(V)
TJ initial = 25 °C
tP = 100 ns
Typical breakdown dynamic resistance RD: 140 mΩ
V
CL (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com