Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-SPK02F2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF02-SPK02F2
Description  2-line IPAD?? EMI filter and ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-SPK02F2 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF02-SPK02F2_12 Datasheet HTML 1Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 2Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 3Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 4Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 5Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 6Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 7Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 8Page - STMicroelectronics EMIF02-SPK02F2_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EMIF02-SPK02F2
Characteristics
Doc ID 15035 Rev 3
5/12
Figure 8.
Output filter ESD response to IEC 61000-4-2 (+8 kV contact discharge) I1 to O1
Figure 9.
Output filter ESD response to IEC 61000-4-2 (-8 kV contact discharge) I1 to O1
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
15.7 V
9.1 V
8.7 V
7.9 V
1
2
4
3
16.1 V
-8.9 V
-8.7V
-7.9 V
1
2
4
3
V : ESD peak voltage
V
:clamping voltage @ 30 ns
V
:clamping voltage @ 60 ns
PP
CL
CL
V
:clamping voltage @ 100 ns
CL
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com