Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-1002F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF06-1002F2
Description  6-line IPAD?? EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-1002F2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF06-1002F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
March 2010
Doc ID 14730 Rev 2
1/7
7
EMIF06-1002F2
6-line IPAD™, EMI filter and ESD protection
Features
■ Lead-free package
■ Very low PCB space consumption
1.92 mm x 1.79 mm
■ Very thin package: 0.65 mm
■ High efficiency in ESD suppression
(IEC 61000-4-2 level 4 on external pins)
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and wafer level packaging
Complies with the following standards
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
Application
This device is designed for EMI filtering in ESD
sensitive equipment such as mobile phones.
Description
The EMIF06-1002F2 is a highly integrated device
designed to suppress EMI/RFI noise in all
systems subjected to electromagnetic
interference. The EMIF06-1002F2 Flip Chip
packaging means the package size is equal to the
die size.
This filter includes an ESD protection circuitry
which prevents damage to the application when
subjected to ESD surges up 15 kV. This device
includes 6 EMI filters.
TM: IPAD is a trademark of STMicroelectronics.
Figure 1.
Pin configuration (bump side)
Figure 2.
Basic cell configuration
Flip Chip
(14 bumps)
43
2
1
A
B
C
E
G
D
F
43
2
1
A
I2
O2
I1
O1
I3
O3
I4
O4
I5
O5
I6
O6
GND
GND
B
C
E
G
D
F
External pin
Internal
pin
External pin
Internal
pin
www.st.com


Similar Part No. - EMIF06-1002F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-10006C2 STMICROELECTRONICS-EMIF06-10006C2 Datasheet
240Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF06-10006F1 STMICROELECTRONICS-EMIF06-10006F1 Datasheet
235Kb / 6P
6 LINES EMI FILTER AND ESD PROTECTION
Jan-2003
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF06-1005M12 STMICROELECTRONICS-EMIF06-1005M12 Datasheet
180Kb / 10P
6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF06-1005MX12Y STMICROELECTRONICS-EMIF06-1005MX12Y Datasheet
694Kb / 9P
Automotive 6-line IPAD™ low capacitance EMI filter andESD protection in micro QFN package
April 2017 Rev 2
More results

Similar Description - EMIF06-1002F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
Single line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2_08 Datasheet
231Kb / 8P
6-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2_08 Datasheet
172Kb / 7P
6-line IPAD, low capacitance EMI filter and ESD protection
28-Apr-2008
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
9-line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF06-MSD02N16 STMICROELECTRONICS-EMIF06-MSD02N16 Datasheet
695Kb / 12P
6-line IPAD?? EMI filter and ESD protection
21-Nov-2008
EMIF01-TV02F3 STMICROELECTRONICS-EMIF01-TV02F3 Datasheet
170Kb / 7P
Single line IPAD?? EMI filter and ESD protection
06-Oct-2010
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
2-line IPAD??EMI filter and ESD protection
23-Sep-2011
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
10-line IPAD?? EMI filter and ESD protection
19-Feb-2010
EMIF06-HMC02F2 STMICROELECTRONICS-EMIF06-HMC02F2 Datasheet
285Kb / 7P
6-line IPAD™, EMI filter including ESD protection
March 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com