Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-1002F2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF06-1002F2
Description  6-line IPAD?? EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-1002F2 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF06-1002F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMIF06-1002F2
Electrical characteristics
Doc ID 14730 Rev 2
3/7
Figure 7.
Line capacitance versus applied voltage for filter
Figure 3.
S21 attenuation measurements
Figure 4.
Analog crosstalk measurements
100.0k
1.0M
10.0M
100.0M
1.0G
- 40.00
- 35.00
- 30.00
- 25.00
- 20.00
- 15.00
- 10.00
- 5.00
0.00
I1 - O1
I2 - O2
I3 - O3
I4 - O4
I5 - O5
I6 - O6
F (Hz)
dB
100.0k
1.0M
10.0M
100.0M
1.0G
- 140.00
- 130.00
- 120.00
- 110.00
- 100.00
- 90.00
- 80.00
- 70.00
- 60.00
- 50.00
- 40.00
- 30.00
- 20.00
- 10.00
0.00
I1 - O2
I1 - O6
F (Hz)
dB
Figure 5.
ESD response to IEC61000-4-2
(+ 15 kV air discharge) on one input
(Vin) and one output (Vout)
Figure 6.
ESD response to IEC61000-4-2
(- 15 kV air discharge) on one input
(Vin) and one output (Vout)
C(pF)
0
2
4
6
8
10
12
14
16
18
01
23
45
V
(V)
LINE
F=1MHz
V
osc=30mVRMS
T
j=25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com