Electronic Components Datasheet Search
  English  ▼

X  

EVAL6235Q Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL6235Q
Description  3-phase BLDC motor driver mounting the L6235Q
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6235Q Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL6235Q Datasheet HTML 1Page - STMicroelectronics EVAL6235Q Datasheet HTML 2Page - STMicroelectronics EVAL6235Q Datasheet HTML 3Page - STMicroelectronics EVAL6235Q Datasheet HTML 4Page - STMicroelectronics EVAL6235Q Datasheet HTML 5Page - STMicroelectronics EVAL6235Q Datasheet HTML 6Page - STMicroelectronics EVAL6235Q Datasheet HTML 7Page - STMicroelectronics EVAL6235Q Datasheet HTML 8Page - STMicroelectronics EVAL6235Q Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For further information contact your local STMicroelectronics sales office.
April 2012
Doc ID 023062 Rev 1
1/9
9
EVAL6235Q
3-phase BLDC motor driver mounting the L6235Q
Data brief
Features
■ Voltage range from 8 V to 52 V
■ Phase current up to 2.5 Ar.m.s.
■ Adjustable PWM current control OFF-time
■ Logic inputs 5 V / 3.3 V compliant
■ Hall sensor inputs
■ External speed loop
■ Small application footprint with high thermal
performance
■ Suitable for use in combination with
PractiSPIN™ 2 software
Description
The EVAL6235Q is a 3-phase BLDC motor driver
board that allows the user to test the L6235Q
functions.
The board can be driven using the STEVAL-
PCC009V2 communication board and the
PractiSPIN 2 evaluation software.
AM12699v1
www.st.com


Similar Part No. - EVAL6235Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6235PD STMICROELECTRONICS-EVAL6235PD Datasheet
1Mb / 10P
L6235 three-phase brushless DC motor driver demonstration board
25-Aug-2011
More results

Similar Description - EVAL6235Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
3-Phase BLDC Motor Driver with PLL
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com