Electronic Components Datasheet Search
  English  ▼

X  

EVAL6235Q Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVAL6235Q
Description  3-phase BLDC motor driver mounting the L6235Q
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6235Q Datasheet(HTML) 2 Page - STMicroelectronics

  EVAL6235Q Datasheet HTML 1Page - STMicroelectronics EVAL6235Q Datasheet HTML 2Page - STMicroelectronics EVAL6235Q Datasheet HTML 3Page - STMicroelectronics EVAL6235Q Datasheet HTML 4Page - STMicroelectronics EVAL6235Q Datasheet HTML 5Page - STMicroelectronics EVAL6235Q Datasheet HTML 6Page - STMicroelectronics EVAL6235Q Datasheet HTML 7Page - STMicroelectronics EVAL6235Q Datasheet HTML 8Page - STMicroelectronics EVAL6235Q Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Board description
EVAL6235Q
2/9
Doc ID 023062 Rev 1
1
Board description
Figure 1.
Trimmer, jumper and connector locations
Table 1.
EVAL6208Q electrical specifications
Parameter
Value
Supply voltage (VS)
8 to 52 V
Maximum output current (each phase)
2.5 Ar.m.s.
Low level logic input voltage
0 V
High level logic input voltage
5 V / 3.3 V (1)
1.
Logic inputs are 3.3 V and 5 V compliant.
Maximum VREF input voltage (J2 connector)
3.3 V
Switching frequency
Up to 100 kHz
Operating temperature
- 25 to +125 °C
L6235Q thermal resistance junction-to-ambient
TBD
Control board
connector
J2:
and pull-ups voltage selection
1-2 = 3.3 V (default), 2-3 = 5 V
3ph BLDC motor
connector
connector
External speed loop
connector
OFF time regulation
Power supply connector
(8 V - 52 V)
J6: VREF source selection
1-2 = J3 conn. (default), 2-3 = J8 conn.
J4: DIAG to EN
pin connection
AM12700v1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com