Electronic Components Datasheet Search
  English  ▼

X  

EVAL6235Q Datasheet(PDF) 5 Page - STMicroelectronics

Part # EVAL6235Q
Description  3-phase BLDC motor driver mounting the L6235Q
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6235Q Datasheet(HTML) 5 Page - STMicroelectronics

  EVAL6235Q Datasheet HTML 1Page - STMicroelectronics EVAL6235Q Datasheet HTML 2Page - STMicroelectronics EVAL6235Q Datasheet HTML 3Page - STMicroelectronics EVAL6235Q Datasheet HTML 4Page - STMicroelectronics EVAL6235Q Datasheet HTML 5Page - STMicroelectronics EVAL6235Q Datasheet HTML 6Page - STMicroelectronics EVAL6235Q Datasheet HTML 7Page - STMicroelectronics EVAL6235Q Datasheet HTML 8Page - STMicroelectronics EVAL6235Q Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EVAL6235Q
Board description
Doc ID 023062 Rev 1
5/9
Table 5.
EVAL6235Q - bill of material
Index Quantity
Reference
Value
Package
1
1
C1
220 nF / 16 V
CAPC-0603
2
2
C2, C6
100 nF / 4 V
CAPC-0603
3
2
C3, C5
100 nF / 100 V
CAPC-0805
4
1
C4
100 µF / 63 V
CAPES-R10H10
5
1
C4A
100 µF / 63 V (option)
CAPE-R8H12-P35
6
1
C7
10 nF / 100 V
CAPC-0805
7
1
C8
5.6 nF / 6V3
CAPC-0603
8
1
C9
68 nF / 6V3
CAPC-0603
9
1
C10
820 pF / 6V3
CAPC-0603
10
1
C11
10 nF / 6V3
CAPC-0603
11
1
D1
BAV99
SOT23
12
1
J1
Screw connector 2 poles
MORSV-508-2P
13
2
J2, J6
Jumper - close 12
JP3SO
14
1
J3
Pol. IDC male header
vertical 30 poles
CON-FLAT-15X2-180M
15
1
J4
Jumper - close
JP2SO
16
1
J5
Screw connector 3 poles
MORSV-508-3P
17
2
J7, J8
Pin strip header 1x5 poles
STRIP254P-M-5
18
1
R1
NM
RESC-0603
19
1
R2
10 k
Ω / 1%
RESC-0603
20
1
R3
23.2 k
Ω / 1%
RESC-0603
21
1
R4
0
Ω
RESC-0603
22
1
R5
100 k
Ω
RESC-0603
23
2
R6, R12
4.3 k
Ω
RESC-0603
24
1
R7
100
Ω
RESC-0603
25
1
R8
1 k
Ω
RESC-0603
26
5
R9, R15, R16, R17, R18
10 k
Ω
RESC-0603
27
1
R10
47 k
Ω
RESC-0603
28
1
R11
100 k
Ω
TRIMM-100x50x110-64W
29
2
R13, R14
0.4
Ω / 1 Ω
RESC-2512
30
2
R19, R20
56 k
Ω
RESC-0603
31
1
TP1
TPTH-RING-1 mm red
TH
32
2
TP2, TP3
TPTH-RING-1 mm black
TH
33
1
U1
L6235Q
QFN7x7_48



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com