Electronic Components Datasheet Search
  English  ▼

X  

STA8088FG Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA8088FG
Description  Fully Integrated GPS/Galileo/Glonass/QZSS Receiver with embedded RF and in-package Flash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088FG Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA8088FG Datasheet HTML 4Page - STMicroelectronics STA8088FG Datasheet HTML 5Page - STMicroelectronics STA8088FG Datasheet HTML 6Page - STMicroelectronics STA8088FG Datasheet HTML 7Page - STMicroelectronics STA8088FG Datasheet HTML 8Page - STMicroelectronics STA8088FG Datasheet HTML 9Page - STMicroelectronics STA8088FG Datasheet HTML 10Page - STMicroelectronics STA8088FG Datasheet HTML 11Page - STMicroelectronics STA8088FG Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Pin description
STA8088FG
8/17
Doc ID 022666 Rev 2
Figure 3.
VFQFPN56 connection diagram - no CAN (bottom view)
2.3
Power supply pins
Table 1.
Power supply pins
Symbol
I/O
Functions
VFQFN56
VDD18_MVR[1,2]
Pwr
Digital supply voltage for main voltage regulator (1.8 V)
31,4
VDD12_MVR[1,2,3]
Pwr
Digital supply voltage for core circuitry (1.2 V). When using the MVR,
this pin shall not be driven by an external voltage supply, but a
capacitance shall be connected between these pins and GND to
guarantee on-chip voltage stability.
22,47,30
VDD_LPVR
Pwr
Digital supply voltage for low power voltage regulator (1.62 - 3.6 V)
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com