Electronic Components Datasheet Search
  English  ▼

X  

STA8088FG Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA8088FG
Description  Fully Integrated GPS/Galileo/Glonass/QZSS Receiver with embedded RF and in-package Flash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088FG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA8088FG Datasheet HTML 6Page - STMicroelectronics STA8088FG Datasheet HTML 7Page - STMicroelectronics STA8088FG Datasheet HTML 8Page - STMicroelectronics STA8088FG Datasheet HTML 9Page - STMicroelectronics STA8088FG Datasheet HTML 10Page - STMicroelectronics STA8088FG Datasheet HTML 11Page - STMicroelectronics STA8088FG Datasheet HTML 12Page - STMicroelectronics STA8088FG Datasheet HTML 13Page - STMicroelectronics STA8088FG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Pin description
STA8088FG
10/17
Doc ID 022666 Rev 2
2.5
Test/emulated dedicated pins
2.6
RF front-end pins
2.7
Port 0 pins
Port 0 consists of a 32-bit bidirectional I/O port (only 3-bit are used in STA8088FG).
It can be either used as general purpose Input or Output port, or configured according to the
associated alternate functions.
CAN0TX(1)
VDD_IOR5
O
CAN0 - transmit data output
51
CAN0RX(1)
VDD_IOR5
I
CAN0 - receive data input
54
1.
Only for STA8088FGB (see
Figure 5: Ordering information scheme).
Table 2.
Main function pins (continued)
Symbol
I/O voltage
I/O
Functions
VFQFPN56
Table 3.
Test/emulated dedicated pins
Symbol
I/O voltage
I/O
Functions
VFQFPN56
TDO
VDD_IOR5
O
JTAG test data out
50
TDI
VDD_IOR5
I
JTAG test data in
53
TCK
VDD_IOR5
I
JTAG test clock
56
TMS
VDD_IOR5
I
JTAG test mode select
2
TRSTn
VDD_IOR5
I
JTAG test circuit reset
3
TP_IF_P
VRF12_IF
O
Diff. test point for IF – positive
5
TP_IF_N
VRF12_IF
O
Diff. test point for IF – negative
6
Table 4.
RF front-end pins
Symbol
I/O voltage
I/O
Functions
VFQFPN56
LNA_IN
VRF12_LNA
I
Low noise amplifier input
9
LNA_OUT
VRF12_LNA
O
Low noise amplifier output
11
RFA_IN
VRF12_RFA
I
RF amplifier input
15
XTAL_In
VRF12_RFDig
I
Input side of crystal oscillator or TCXO input
19
XTAL_Out
VRF12_RFDig
O
Output side of crystal oscillator
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com