Electronic Components Datasheet Search
  English  ▼

X  

STA8088FG Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA8088FG
Description  Fully Integrated GPS/Galileo/Glonass/QZSS Receiver with embedded RF and in-package Flash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088FG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA8088FG Datasheet HTML 5Page - STMicroelectronics STA8088FG Datasheet HTML 6Page - STMicroelectronics STA8088FG Datasheet HTML 7Page - STMicroelectronics STA8088FG Datasheet HTML 8Page - STMicroelectronics STA8088FG Datasheet HTML 9Page - STMicroelectronics STA8088FG Datasheet HTML 10Page - STMicroelectronics STA8088FG Datasheet HTML 11Page - STMicroelectronics STA8088FG Datasheet HTML 12Page - STMicroelectronics STA8088FG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STA8088FG
Pin description
Doc ID 022666 Rev 2
9/17
2.4
Main function pins
VDD12_LPVR
Pwr
Digital supply voltage for backup logic (1.2 V). When using the LPVR,
this pin shall not be driven by an external voltage supply, but a
capacitance shall be connected between these pins and GND to
guarantee on-chip voltage stability.
21
VDD_IOR1
Pwr
Digital supply voltage for I/O ring 1 (1.8 or 3.3 V)
44
VDD_IOR3
Pwr
Digital supply voltage for I/O ring 3 (1.8 V)
45
VDD_IOR4
Pwr
Digital supply voltage for I/O ring 4 (1.8 V)
34
VDD_IOR5
Pwr
Digital supply voltage for I/O ring 5 (3.3 V)
52
VRF18_RFVR
Pwr
Analog supply voltage for RF voltage regulator (1.8 V)
13
VRF12OUT_RFVR
Pwr
RF voltage regulator 1.2 V output
12
VRF12_LNA
Pwr
Analog supply voltage for LNA (1.2 V)
8
VRF12_RFA
Pwr
Analog supply voltage for RFA (1.2 V)
14
VRF12_MIX
Pwr
Analog supply voltage for Mixer (1.2 V)
16
VRF12_IF
Pwr
Analog supply voltage for IF (1.2 V)
17
VRF12_RFVCO
Pwr
Analog supply voltage for VCO (1.2 V)
18
VRF12_RFADC
Pwr
Analog supply voltage for RF ADC (1.2 V)
7
GND_LNA
GND
Analog supply ground for LNA
10
GND
GND
Analog and digital supply ground
EP
Table 1.
Power supply pins (continued)
Symbol
I/O
Functions
VFQFN56
Table 2.
Main function pins
Symbol
I/O voltage
I/O
Functions
VFQFPN56
STDBYn
1.2V
I
When low, the chip is forced in Standby Mode - All
pins in high impedance except the ones powered
by Backup supply
24
STDBYOUT
1.2V
O
When low, indicates the chip is in Standby Mode.
23
RSTn
1.2V
I
Reset Input with Schmitt-Trigger characteristics
and noise filter.
25
WAKEUP
1.2V
I
WAKEUP from STANDBY mode
26
RTC_XTI
1.5V (Max)
I
Input of the 32 KHz oscillator amplifier circuit and
input of the internal real time clock circuit.
27
RTC_XTO
1.5V (Max)
O
Output of the oscillator amplifier circuit.
28
ADC_IN[1,5]
1.4V – 0
Typ Range
I
ADC Analog input [1,5]
32,33
USB_DP/UART1_TX
VDD_IOR5
USB/O
USB D+ signal / UART 1 Tx data
48
USB_DM/UART1_RX
VDD_IOR5
USB/I
USB D- signal / UART 1 Rx data
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com