Electronic Components Datasheet Search
  English  ▼

X  

G3203 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G3203
Description  0.9/ 1 Dual SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G3203 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G3203 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Ver: 0.7
Jan 29, 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G3203
Global Mixed-mode Technology Inc.
Summary of Characteristics (1)
CONFIGURATION
DUAL SPST
Number of channels
2
On-State resistance (ron) of NC/NO
0.9
Ω/1Ω
On-State resistance match (Δron) of NC/NO
0.25
Ω/0.25Ω
On-State resistance flatness (ron(flat)) of NC/NO
0.4
Ω/0.4Ω
Turn-on / Turn-off time (tON / tOFF)
15ns / 14ns
Charge injection (QC)
20pC
Bandwidth (BW)
20MHz
OFF isolation (OISO)
- 74dB at 100kHz
Crosstalk (XTALK)
- 72dB at 100kHz
Total harmonic distortion (THD)
0.1%
Power-supply current (I+)
0.2µA
Package options
WCSP3X4-10, WCSP3X4-12 and TDFN3X3-10
(1) V+=5-V, TA=25°C and the value are the worst one.
Function Table
IN_
NO_
NC_
0
OFF
ON
1
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com