Electronic Components Datasheet Search
  English  ▼

X  

G3203 Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G3203
Description  0.9/ 1 Dual SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G3203 Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

Back Button G3203 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Ver: 0.7
Jan 29, 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G3203
Global Mixed-mode Technology Inc.
Pin Descriptions
PIN
TDFN3X3-10
WLCSP3X4-10
WLCSP3X4-12
NAME
FUNCTION
1
B4
B4
VCC
Power supply
2
C4
C4
NO1
Normally open
3
C3
C3
COM1
Common
4
C2
C2
IN1
Digital control pin
5
C1
C1
NC1
Normally close
6
B1
B1
GND
Digital ground
7
A1
A1
NC2
Normally close
8
A2
A2
IN2
Digital control pin
9
A3
A3
COM2
Common
10
A4
A4
NO2
Normally open
---
---
B2,B3
NC
No connection
Test Circuits/ Timing Diagrams
Figure 1. Switching Time
Figure 2. Break Before Make Interval
V+
V+
COM_
NO_ or NC
V
IN_
IN_
GND
Logic
Input
R
L
50
Ω
C
L
35pF
Logic
Input
Switch
Output
V
IH
V
IL
0
50%
V
OUT
t
ON
t
OFF
0.9 x V
OUT
0.9 x V
OUT
t
r < 5ns
t
f < 5ns
C
L INCLUDES FIXTURE AND STRAY CAPACITANCE
V
OUT = VN_ (
R
L
R
L + RON
)
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE
V
OUT
V+
V+
COM_
NO_ or NC
V
IN_
IN_
GND
Logic
Input
R
L
50
Ω
C
L
35pF
Logic
Input
Switch
Output
V
IH
V
IL
0
50%
V
OUT
t
ON
t
OFF
0.9 x V
OUT
0.9 x V
OUT
t
r < 5ns
t
f < 5ns
C
L INCLUDES FIXTURE AND STRAY CAPACITANCE
V
OUT = VN_ (
R
L
R
L + RON
)
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE
V
OUT
V
IN_
NO_
NC_
IN_
Logic
Input
GND
COM_
R
L
50
Ω
C
L
35pF
V
OUT
V+
V+
C
L INCLUDES FIXTURE AND STRAY CAPACITANCE
Logic
Input
50%
V
OUT
t
D
0.9 x V
OUT
V
IN_
NO_
NC_
IN_
Logic
Input
GND
COM_
R
L
50
Ω
C
L
35pF
V
OUT
V+
V+
C
L INCLUDES FIXTURE AND STRAY CAPACITANCE
Logic
Input
50%
V
OUT
t
D
0.9 x V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com