Electronic Components Datasheet Search
  English  ▼

X  

G3203 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G3203
Description  0.9/ 1 Dual SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G3203 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G3203 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ver: 0.7
Jan 29, 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G3203
Global Mixed-mode Technology Inc.
0.9
Ω/ 1Ω Dual SPDT Analog Switch
Features
Maximum 0.9
Ω ON-State Resistance at 2.7V
Supply for NC Switch
Maximum 1
Ω ON-State Resistance at 2.7V Sup-
ply for NO Switch
Low Charge Injection
Excellent ON Resistance Matching
+2.7V to +5.5V Single-Supply Operation
Low Total Harmonic Distortion
Low supply Current ( <0.2µA)
Break-before-make Enable Circuitry
Control Inputs 5V Tolerant
WLCSP Package and TDFN 3X3 Package
Applications
Speaker Headset Switching
MP3 Players
Power Routing
Battery-Operated Equipment
Relay Replacement
Audio and Video Signal Routing
Communication circuits
PCMCIA Cards
Cellular Phones
Modems
General Description
The G3203 is a low on-resistance, dual SPDT (Sin-
gle-Pole/Double-Throw) analog switch that operates
from a 2.7V to 5.5V supply. The G3203 features a
0.9
Ω (max) RON for its NC switch and a 1Ω(max) RON
for its NO switch at a +2.7V supply. The device offers
an excellent ON-resistance matching, and low total
harmonic distortion (THD) performance. The device is
designed
for
fast
switching
speeds
with
the
break-before-make feature to prevent signal distortion
during the transferring of signal from one channel to
another. These features make this device suitable for
portable audio applications.
The G3203 is available in the WLCSP3X4-10,
WLCSP3X4-12 and TDFN3X3-10 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Pb free)
G3203RE1U
3203
-40°C to 85°C
TDFN3X3-10
G3203B51U
323x
-40°C to 85°C
WLCSP3X4-12
G3203B52D
32032
-40°C to 85°C
WLCSP3X4-10
Note :RE: TDFN3X3-10
B51: WLCSP3X4-12
B52: WLCSP3X4-10
1: Bonding Code (only TDFN3X3-10)
U & D: Tape & Reel
Pin Configuration
Top View
1
2
3
4
5
10
9
8
7
6
NC1
IN1
COM1
NO1
VCC
NC2
NO2
COM2
IN2
GND
G3203
TDFN3X3-10
Top View
WLCSP3X4-10
C1
C2
C3
C4
B1
B4
A1
A2
A3
A4
NC2
NC1
VCC
NO1
COM1
IN1
NO2
COM2
IN2
GND
10 Bump WLCSP
Top View
WLCSP3X4-12
C1
C2
C3
C4
B1
B4
A1
A2
A3
A4
NC2
NC1
VCC
NO1
COM1
IN1
NO2
COM2
IN2
GND
12 Bump WLCSP
B2
B3
Top View
1
2
3
4
5
10
9
8
7
6
NC1
IN1
COM1
NO1
VCC
NC2
NO2
COM2
IN2
GND
G3203
TDFN3X3-10
Top View
WLCSP3X4-10
C1
C2
C3
C4
B1
B4
A1
A2
A3
A4
NC2
NC1
VCC
NO1
COM1
IN1
NO2
COM2
IN2
GND
10 Bump WLCSP
Top View
WLCSP3X4-12
C1
C2
C3
C4
B1
B4
A1
A2
A3
A4
NC2
NC1
VCC
NO1
COM1
IN1
NO2
COM2
IN2
GND
12 Bump WLCSP
B2
B3


Similar Part No. - G3203

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
SATA 2.5 EnduroSLC Industrial Enterprise SSD
G3200 GREENLIANT-G3200 Datasheet
1Mb / 2P
SATA 2.5 Enterprise SSD
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
Low-Voltage SPDT Analog Switch
G3202 GMT-G3202 Datasheet
294Kb / 3P
1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
1 SPDT Analog Switch
More results

Similar Description - G3203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
1 SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
Dual SPDT Analog Switch
25-Apr-11
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
0.9 Dual SPST Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
1- SPDT ANALOG SWITCH
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
1 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
SPDT 1 Analog Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Global Mixed-mode Techn...
G3205 GMT-G3205 Datasheet
100Kb / 1P
Dual 1 SPDT Analog Switch
G3202 GMT-G3202 Datasheet
294Kb / 3P
1 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com