Electronic Components Datasheet Search
  English  ▼

X  

APE8913 Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # APE8913
Description  1.2V/1.32V 1A LOW DROPOUT FIXED-MODE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8913 Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

  APE8913 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Package Outline : TO-252
Millimeters
MIN
NOM
MAX
A2
1.80
2.30
2.80
A3
0.40
0.50
0.60
B1
0.40
0.70
1.00
D
6.00
6.50
7.00
D1
4.80
5.35
5.90
E3
3.50
4.00
4.50
E3
F
2.20
2.63
3.05
F1
0.5
0.85
1.20
E1
5.10
5.70
6.30
E2
0.50
1.10
1.80
e
--
2.30
--
C
0.35
0.50
0.65
1.All Dimensions Are in Millimeters.
2.Dimension Does Not Include Mold Protrusions.
Part Marking Information & Packing : TO-252
SYMBOLS
ADVANCED POWER ELECTRONICS CORP.
e
e
D
D1
E2
E1
F
B1
F1
A2
A3
C
R : 0.127~0.381
(0.1mm
Part Number
Package Code
891XH
YWWSSS
Date Code (YWWSSS)
Y:Last Digit Of The Year
WW:Week
SSS:Sequence
LOGO
Output Voltage
2 : 1.2V
3 : 1.32V
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com