Electronic Components Datasheet Search
  English  ▼

X  

APE8913 Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # APE8913
Description  1.2V/1.32V 1A LOW DROPOUT FIXED-MODE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8913 Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  APE8913 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Advanced Power
Electronics Corp.
APE8912/APE8913
ABSOLUTE MAXIMUM RATINGS
VIN Supply Voltage(VIN)
-0.3 to 6 V
Power Dissipation(PD)
Internal Limited
Storage Temperature Range(TST)
-65 to 150ºC
Operating Temperature Range(TOP)
0 to 150ºC
Thermal Resistance from Junction to Case(RthJC)
SOT-89
100°C/W
SOT-223
15°C/W
SOT-252
10°C/W
SOT-89
300°C/W
SOT-223
117°C/W
SOT-252
92°C/W
PACKAGE INFORMATION
ELECTRICAL SPECIFICATIONS ( Under Operating Conditions)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
APE8912 IOUT=10mA, TJ=25ºC
1.176 1.200 1.224
V
APE8913 3V≦VIN≦6V
1.294 1.320 1.346
V
TJ=25ºC , VOUT+1.5V<VIN<6V,
IO=10mA,
Vadj=10mA<IO<1A, (Note1,2)
TJ=25ºC , VIN=3.3V,
Dropout Voltage (VIN-VOUT)VDROP
IOUT=1A, ∆VOUT=1%VOUT
-
1.
4
1.
5
V
Current Limit
ILIM
APE8912/3
VIN=3.3V
1.1
-
-
A
Minimum Load Current
0ºC ≦TJ≦125ºC
-
3
5
mA
Thermal Rejection
TA=25ºC, 30ms pulse
-
0.17
0.25
ºC
f=120Hz, COUT=25uF Tantalum, IOUT=1A
VIN=VOUT+3V
Temperature Stability
IO=10mA
-
0.5
-
%
Note1. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load
regulation are measured at a constant junction temperature by low duty cycle pulse testing.
Note2. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is
determined by the difference between input and output differential and the output current. Guaranteed maximum
power dissipation will not be available over the full input/output range.
Note3. Quiescent current is defined as the minimum output current required in maintaining regulation.
2
Thermal Resistance from Junction to Ambient(RthJA)
Ripple Rejection
-60
70
Line Regulation
Load Regulation
VLOAD
--
0.2
db
1%
%
1.224
V
Output Voltage
VOUT
Reference Voltage
VFB
VLINE
TJ=25ºC,VIN-VOUT=1.5V, IO=10mA
1.176 1.200
--
SOT-223
R-type SOT-223
TO-252
SOT-89
R-type SOT-89
VIN
VOUT
GND
VIN
VOUT
GND
VIN
VOUT
GND
VIN
VOUT
GND
VOUT
GND
VIN
Tab is GND
Tab is GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com