Electronic Components Datasheet Search
  English  ▼

X  

APE8913 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APE8913
Description  1.2V/1.32V 1A LOW DROPOUT FIXED-MODE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8913 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APE8913 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Power
Electronics Corp.
APE8912/APE8913
FEATURES
DESCRIPTION
1.5V Maximum Dropout at Full Load Current
Fast Transient Response
Output Current Limiting
Built-in Thermal Shutdown
Needs Only 1uF Capacitor for Stability
Good Noise Rejection
3-Terminal Fixed 1.2V/1.32V
Low ESR Ceramic Capacitor for Output Stability
Packages : SOT-223, TO-252, SOT-89(R-type)
& SOT-223(R-type)
RoHS Compliant
APPLICATIONS
PC Peripheral
Communication
LCD Modules
Data and specifications subject to change without notice
200907138
TYPICAL APPLICATION
PACKAGE ORDERING INFORMATION
1
1.2V/1.32V 1A LOW DROPOUT FIXED-MODE REGULATOR
APE891X is a low dropout fixed-mode regulator with
minimum of 1A output current capability. The product is
specifically designed to provide well-regulated supply for low
voltage IC applications such as high-speed bus termination
and low current 1.2V/1.32V logic supply.
APE891X is guaranteed to have lower than 1.
5V
dropout at full load current making it ideal to provide well-
regulated outputs of 1.2/1.32 with 3V to 6V input supply.
Figure 1. 1.2V fixed output
Figure 2. 1.32V fixed output
Package Type
G : SOT-89-3L
APE891XX
GR : SOT-89-3L
H : TO-252-3L
K : SOT-223-3L
KR : SOT-223-3L
Output Voltage
2 : 1.2V Fixed
3 : 1.32V Fixed


Similar Part No. - APE8913

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8913N A-POWER-APE8913N Datasheet
292Kb / 5P
1.2V/1.32V 0.4A Low Dropout Fixed-Mode Regulator
More results

Similar Description - APE8913

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1112 FAIRCHILD-FAN1112 Datasheet
39Kb / 8P
1A 1.2V Low Dropout Linear Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE8912N A-POWER-APE8912N Datasheet
292Kb / 5P
1.2V/1.32V 0.4A Low Dropout Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
Fairchild Semiconductor
FAN1112DX FAIRCHILD-FAN1112DX Datasheet
44Kb / 8P
1A 1.2V Low Dropout Linear Regulator
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
1A 1.2V Low Dropout Linear Regulator
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com